Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 4 Page - Analog Devices

  SSM2164 Datasheet HTML 1Page - Analog Devices SSM2164 Datasheet HTML 2Page - Analog Devices SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2164
REV. 0
–4–
Typical Performance Characteristics
Figure 2. THD+N vs. Frequency, Class A
Figure 3. THD+N vs. Frequency Class, AB
Figure 4. THD Distribution, Class A
300
280
260
240
200
180
160
140
120
100
60
40
20
0
80
220
0.005 0.010
0.015
0.020 0.025
0.030
0.035 0.040
0.045
0.050
THD – %
VS = ±15V
TA = +25°C
1200 CHANNELS
Figure 5. THD Distribution, Class AB
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
THD – %
VS = ±15V
TA = +25°C
1200 CHANNELS
Figure 6. THD+N vs. Amplitude
Figure 7. THD+N vs. Supply Voltage, Class A
0.10
0
±20
0.06
0.02
±4
0.04
0
0.08
±16
±12
±8
SUPPLY – Volts
LPF = 80kHz
1.0
0.1
0.01
20
100
1k
10k
20k
FREQUENCY – Hz
CLASS A
VS = ±15V
LPF = 80kHz
AV = + 20dB
AV = – 20dB
AV = 0dB
1.0
0.1
0.01
20
100
1k
10k
20k
FREQUENCY – Hz
AV = –20dB
AV = +20dB
AV = 0dB
CLASS AB
VS = ±15V
LPF = 80kHz
AMPLITUDE – VRMS
1.0
0.1
0.01
20
100
1k
10k
20k
VS ±15V
AV = 0dB
LPF = 22kHz
CLASS A
CLASS AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com