Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 3 Page - Analog Devices

  SSM2164 Datasheet HTML 1Page - Analog Devices SSM2164 Datasheet HTML 2Page - Analog Devices SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2164
REV. 0
–3–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
SSM2164P
–40
°C to +85°C
Plastic DIP
N-16
SSM2164S
–40
°C to +85°C
Narrow SOIC
R-16A
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input, Output, Control Voltages . . . . . . . . . . . . . . . . V– to V+
Output Short Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
Package Type
θ
JA*
θ
JC
Units
16-Pin Plastic DIP (P Suffix)
76
33
°C/W
16-Pin SOIC (S Suffix)
92
27
°C/W
*
θ
JA is specified for the worst case conditions; i.e., θJA is specified for device in socket
for P-DIP packages,
θ
JA is specified for device soldered in circuit board for SOIC
package.
PIN CONFIGURATION
16-Lead Epoxy DIP and SOIC
MODE
I
IN1
V+
I
IN4
I
OUT2
V
C2
I
IN2
I
OUT3
V
C3
I
IN3
V
C1
I
OUT1
V
C4
I
OUT4
GND
V–
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
SSM2164
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2164 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com