Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices SSM2164 Datasheet HTML 10Page - Analog Devices SSM2164 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SSM2164
REV. 0
–7–
0
–20
–100
10
100
1M
100K
10k
1k
–40
–60
–80
FREQUENCY – Hz
VS = ±15V
TA = +25°C
+PSRR
–PSRR
Figure 20. PSRR vs. Frequency
25
20
0
1k
10k
1M
100k
15
10
5
RBIAS – Ω
+ISY
–ISY
VS = ±15V
TA = +25°C
Figure 21. Supply Current vs. R
BIAS
–45
–20
100
–35
–25
–25
–30
–50
–40
75
50
25
0
TEMPERATURE –
°C
CLASS A AND
CLASS AB
VS = ±15V
Figure 22. Gain Constant vs. Temperature
APPLICATIONS INFORMATION
Circuit Description
The SSM2164 is a quad Voltage Controlled Amplifier (VCA)
with 120 dB of gain control range. Each VCA is a current-in,
current-out device with a separate –33 mV/dB voltage input
control port. The class of operation (either Class A or Class
AB) is set by a single external resistor allowing optimization of
the distortion versus noise tradeoff for a particular application.
The four independent VCAs in a single 16-pin package make
the SSM2164 ideal for applications where multiple volume
control elements are needed.
Figure 23. Simplified Schematic (One Channel)
The simplified schematic in Figure 23 shows the basic structure
of one of the four VCAs in the device. The gain core is com-
prised of the matched differential pairs Q1-Q4 and the current
mirrors of Q5, Q6 and Q7, Q8. The current input pin, I
IN, is
connected to the collectors of Q1 and Q7, and the difference in
current between these two transistors is equivalent to I
IN.
For
example, if 100
µA is flowing into the input, Q1’s collector
current will be 100
µA higher than Q7’s collector current.
Varying the control voltage V
C, steers the signal current from
one side of each differential pair to the other, resulting in either
gain or attenuation. For example, a positive voltage on V
C
steers more current through Q1 and Q4 and decreases the
current in Q2 and Q3. The current output pin, I
OUT, is con-
nected to the collector of Q3 and the current mirror (Q6) from
Q2. With less current flowing through these two transistors, less
current is available at the output. Thus, a positive V
C attenuates
the input and a negative V
C amplifies the input.
The VCA has
unity gain for a control voltage of 0.0 V where the signal current
is divided equally between the gain core differential pairs.
The MODE pin allows the setting of the quiescent current in
the gain core of the VCA to trade off the SSM2164’s THD and
noise performance to an optimal level for a particular applica-
tion. Higher current through the core results in lower distortion
Q6
Q5
Q8
Q7
Q2
Q1
Q4
Q3
IIN
IOUT
VC
4.5k
Ω
500
Ω
450
Ω
MODE
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com