Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices SSM2164 Datasheet HTML 10Page - Analog Devices SSM2164 Datasheet HTML 11Page - Analog Devices SSM2164 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SSM2164
REV. 0
–9–
30k
500
560pF
POWER SUPPLY
AND BIASING CIRCUITRY
VCA4
30k
500
560pF
VCA3
30k
500
560pF
VCA2
30k
500
560pF
VCA1
V+
GND
V–
MODE
30k
Ω
100pF
VOUT
IIOUT
IIOUT
IIOUT
IIOUT
OP176
FROM ADDITIONAL SSM2164s
FOR > 4 CHANNELS
VC
VC
VC
VC
IIN
IIN
IIN
IIN
If additional SSM2164s are added, the 100 pF capacitor may
need to be increased to ensure stability of the output amplifier.
Most op amps are sensitive to capacitance on their inverting
inputs. The capacitance forms a pole with the feedback resistor,
which reduces the high frequency phase margin. As more
SSM2164’s are added to the mixer circuit, their output capaci-
tance and the parasitic trace capacitance add, increasing the
overall input capacitance. Increasing the feedback capacitor will
maintain the stability of the output amplifier.
Digital Control of the SSM2164
One option for controlling the gain and attenuation of the
SSM2164 is to use a voltage output digital-to-analog converter
such as the DAC8426 (Figure 26), whose 0 V to +10 V output
controls the SSM2164’s attenuation from 0 dB to –100 dB. Its
simple 8-bit parallel interface can easily be connected to a
microcontroller or microprocessor in any digitally controlled
system. The voltage output configuration of the DAC8426
provides a low impedance drive to the SSM2164 so the attenua-
tion can be controlled accurately. The 8-bit resolution of the
DAC and its full-scale voltage of +10 V gives an output of
3.9 mV/bit. Since the SSM2164 has a –33 mV/dB gain con-
stant, the overall control law is 0.12 dB/bit or approximately
8 bits/dB. The input and output configuration for the
SSM2164 is the same as for the basic VCA circuit shown
earlier. The 4-to-1 mixer configuration could also be used.
LATCH A
LATCH B
LATCH C
LATCH D
DAC A
DAC B
DAC C
DAC D
LOGIC
CONTROL
10V
REFERENCE
DATA BUS
3
5
6
VSS
AGND
DGND
15
16
17
WR
A1
A0
14
7
LSB
MSB
4
VREFOUT +10V
18
VDD
+15V
2
1
20
19
VOUTA
VOUTB
VOUTC
VOUTD
DAC8426
POWER SUPPLY
AND BIASING CIRCUITRY
VCA4
VCA3
VCA2
VCA1
V+
GND
V– MODE
IIOUT
IIOUT
IIOUT
IIOUT
VC
VC
VC
VC
IIN
IIN
IIN
IIN
+15V
–15V
Figure 26. Digital Control of VCA Gain
Figure 25. Four-Channel Mixer (4 to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com