Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 7 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology LTP5900 Datasheet HTML 10Page - Linear Technology LTP5900 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LTP5900 Mote Datasheet
Dust Networks
7
Pin
Number
Pin Name
Description
I/O Type
Direction
Pin State in
Deep Sleep†
7
MT_RTS
¯¯¯¯¯¯¯
UART active low mote ready to
send
1
Out
VDD
8
MT_CTS
¯¯¯¯¯¯¯
UART active low mote clear to
send
1
Out
VDD
9
SP_CTS
¯¯¯¯¯¯¯
UART active low serial peripheral
clear to send
1
In
–
10
TIME
¯¯¯¯
Falling edge time request
1
In
–
11
Mode_pin_B
Selects between Mode 1 & Mode
3 operation
1
In
–
12
FLASH_P_EN
¯¯¯¯¯¯¯¯¯¯¯¯
Active low flash power enable
1
In
–
13
Reserved
No connect
–
–
–
14
Reserved
No connect
–
–
–
15
Reserved
No connect
–
–
–
16
Reserved
No connect
–
–
–
17
SCK
SPI clock
1
In
–
18
MOSI
SPI master out slave in serial data
1
In
–
19
MISO
SPI master in slave out serial data
1
Out
–
20
KEY (no pin)
–
–
–
–
21
SPI_CS
¯¯¯¯¯¯
Active low flash chip select
1
In
–
22
RST
¯¯¯
Active low reset
1
In
–
† Deep sleep is the lowest possible power state, with VDD and GND connected. The mote microprocessor and radio are
inactive, and the mote must be awakened using the /RST signal (for more information see the lowPowerSleep command in
the IA-510 Mote Serial API Guide).
The RST
¯¯¯ input pin is internally pulled up and connecting it is optional. When driven active low, the mote is hardware reset
until the signal is de-asserted. Refer to section 7.1 for timing requirements on the RST
¯¯¯ pin. Note that the mote may also be
reset using the mote serial command (see the SmartMesh IA-510 Mote Serial API Guide).
The TIME
¯¯¯¯ input pin is optional, and must either be driven or pulled up with a 5.1 M
Ω resistor. Unless noted otherwise, all
signals are active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com