Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 6 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTP5900 Datasheet HTML 2Page - Linear Technology LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology LTP5900 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Dust Networks
LTP5900 Mote Datasheet
Parameter
Min
Typ
Max
Units
Comments
Range*
Power amplifier enabled:
Indoor
†
100
m
Outdoor
†
300
m
25 °C, 50% RH, +2 dBi
omni-directional antenna
Free space
1200
m
Power amplifier disabled:
Indoor
†
25
m
Outdoor
†
200
m
Free space
350
m
* Actual RF range performance is subject to a number of installation-specific variables including, but not restricted to
ambient temperature, relative humidity, presence of active interference sources, line-of-sight obstacles, near-presence
of objects (for example, trees, walls, signage, and so on) that may induce multipath fading. As a result, actual
performance varies for each instance.
† 1 meter above ground.
4.2
Antenna Specifications
A MMCX-compatible male connector is provided on board for the antenna connection. The antenna must meet specifications
in Table 7. For a list of FCC-approved antennae, see section 10.1.2.
Table 7
Antenna Specifications
Parameter
Value
Frequency range
2.4 – 2.4835 GHz
Impedance
50
Ω
Maximum VSWR
3:1
Connector
MMCX*
* The LTP5900 can accommodate the following RF mating connectors:
• MMCX straight connector such as Johnson 135-3402-001, or equivalent
• MMCX right angle connector such as Tyco 1408149-1, or equivalent
When the mote is placed inside an enclosure, the antenna should be mounted such that the radiating portion of the antenna
protrudes from the enclosure. The antenna should be connected using a MMCX connector on a coaxial cable. For optimum
performance, the antenna should be positioned vertically when installed.
5.0
Pinout
The LTP5900 has two 11-pin Samtec MTMM-111-04-S-S-175-3 (or equivalent) connectors on the bottom side for handling
all of the I/O. The third pin in each of the connectors is not populated, and serves as a key for alignment. The connectors are
mounted on opposite edges of the long axis of the LTP5900.
5.1
LTP5900 Pinout
The LTP5900 provides a bidirectional flow-controlled serial interface (see section 8.3 Settable I/O Modes).
Table 8
LTP5900 Pin Functions
Pin
Number
Pin Name
Description
I/O Type
Direction
Pin State in
Deep Sleep†
1
VSS
Ground
Power
–
–
2
VDD
Power
Power
–
–
3
KEY (no pin)
–
–
–
–
4
RX
UART Rx
1
In
–
5
TX
UART Tx
1
Out
VDD
6
Reserved
No connect
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com