Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 2 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 2 Page - Linear Technology

  LTP5900 Datasheet HTML 1Page - Linear Technology LTP5900 Datasheet HTML 2Page - Linear Technology LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Dust Networks
LTP5900 Mote Datasheet
Table of Contents
1.0
Absolute Maximum Ratings ................................................................................4
2.0
Normal Operating Conditions .............................................................................4
3.0
Electrical Specifications .....................................................................................5
4.0
Radio..................................................................................................................5
4.1 Detailed Radio Specifications ................................................................................ 5
4.2 Antenna Specifications......................................................................................... 6
5.0
Pinout ................................................................................................................6
5.1 LTP5900 Pinout................................................................................................... 6
6.0
Power Supply Design .........................................................................................8
7.0
Mote Boot Up......................................................................................................8
7.1 Power-on Sequence............................................................................................. 8
7.2 Inrush Current.................................................................................................... 8
7.3 Mote Boot Sequence............................................................................................ 9
7.4 Serial Interface Boot Up ......................................................................................10
7.4.1 LTP5900 Serial Interface Boot Up ...................................................................10
8.0
Interfaces ........................................................................................................10
8.1 Reset Pin ..........................................................................................................10
8.2 Timestamps ......................................................................................................10
8.3 Settable I/O Modes ............................................................................................11
8.3.1 Mode 1: Three/Four/Five-signal Serial Interface (9600 bps) ...............................11
8.3.2 Mode 3: Five-signal Serial Interface (115.2 kbps).............................................12
8.3.3 UART AC Timing ..........................................................................................13
8.4 Mote Serial API ..................................................................................................15
8.5 Temperature Sensor...........................................................................................15
9.0
Packaging Description......................................................................................16
9.1 Mechanical Drawing............................................................................................16
9.2 Soldering Information.........................................................................................17
10.0 Regulatory and Standards Compliance .............................................................17
10.1
FCC Compliance...........................................................................................17
10.1.1 FCC Testing ................................................................................................17
10.1.2 FCC-approved Antennae ...............................................................................18
10.1.3 OEM Labeling Requirements ..........................................................................18
10.2
Industry Canada (IC) Compliance...................................................................18
10.2.1 IC Testing...................................................................................................18
10.2.2 IC-approved Antennae..................................................................................18
10.2.3 OEM Labeling Requirements ..........................................................................18
10.3
CE Compliance ............................................................................................19
10.3.1 Declaration of Conformity .............................................................................19
10.3.2 European Compliance ...................................................................................19
10.3.3 OEM Labeling Requirements ..........................................................................19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com