Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 5 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 5 Page - Linear Technology

  LTP5900 Datasheet HTML 1Page - Linear Technology LTP5900 Datasheet HTML 2Page - Linear Technology LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LTP5900 Mote Datasheet
Dust Networks
5
Unless otherwise noted, Table 3 assumes VDD is 3.6 V.
Table 3
Current Consumption
Parameter
Min
Typ
Max
Units
Comments
Transmit
Power amplifier enabled
9.5
mA
Power amplifier disabled
5.2
mA
Receive
4.4
mA
3.0
Electrical Specifications
Table 4
Device Load
Parameter
Min
Typ
Max
Units
Comments
Total capacitance
6
µF
VDD to VSS
Total inductance
4.9
µH
VDD to VSS
Unless otherwise noted, VDD is 3.6 V and temperature is –40 °C to +85 °C.
Table 5
Digital I/O Type 1
Digital Signal
Min
Typ
Max
Units
Comments
VIL (low-level input voltage)
–0.3
0.6
V
VIH (high-level input voltage)
VDD-0.3
VDD + 0.3
V
VOL (low-level output voltage)
0.4
V
IOL(max) = 1.2 mA
VOH (high-level output voltage)
VDD-0.3
V
IOH(max) = −1.8 mA
Input leakage current
50
nA
25 °C
4.0
Radio
4.1
Detailed Radio Specifications
Table 6
Detailed Radio Specifications
Parameter
Min
Typ
Max
Units
Comments
Operating frequency
2.4000
2.4835
GHz
Number of channels
15
Channel separation
5
MHz
Occupied channel bandwidth
2.7
MHz
At –20 dBc
Frequency Accuracy
-40
+40
ppm
Modulation
IEEE 802.15.4 DSSS
Raw data rate
250
kbps
Receiver operating maximum input
level
0
dBm
Receiver sensitivity
–95.0
dBm
At 50% PER, VDD = 3 V,
25 °C
–92.5
dBm
At 1% PER, VDD = 3 V,
25 °C
Output power, conducted
Power amplifier enabled
+8
dBm
VDD = 3.6 V, 25 °C
Power amplifier disabled
0
dBm
VDD = 3.6 V, 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com