Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 1 Page - Linear Technology

  LTP5900 Datasheet HTML 1Page - Linear Technology LTP5900 Datasheet HTML 2Page - Linear Technology LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LTP5900 Mote Datasheet
Dust Networks
1
S MART M ESH® W IRELESS HA RT LTP5900-W H M
2.4 GHz 802.15.4 Wireless Mote
About SmartMesh WirelessHART
Dust Networks’ SmartMesh® WirelessHART is an industry-leading wireless networking solution designed for critical monitoring and
control applications. WirelessHART serves a wide range of applications from renewable energy generation, such as solar and wind power,
to factory machine health monitoring and data center HVAC energy management. The SmartMesh WirelessHART system delivers
dynamic network optimization and intelligent routing to achieve unsurpassed levels of wireless network scalability, system-wide reliability
and low latency, coupled with industrial-class security. Additionally, ultra-low power operation permits even greater deployment flexibility
for wire-free applications.
Product Description—LTP5900
The LTP5900 mote module combines Dust Networks’ robust sensor networking solution breakthrough EternaTM SoC technology in an
easy-to-integrate 22-pin module. As part of the SmartMesh WirelessHART system, the LTP5900 enables customers to integrate a
standards-based wireless network into sensors and actuators to provide scalable bidirectional communications.
The LTP5900 is designed for use in line-powered, battery-powered, or energy-scavenging sensor and actuator applications that demand
reliable performance and ultra-low power operation. With Dust Networks’ innovative IEEE 802.15.4-compliant design and integrated
power amplifier, the LTP5900 enables a decade of battery life on two AA batteries. All motes function as wireless routers, enabling a
redundant, high performance, full-mesh topology.
The LTP5900 integrates all radio circuitry components, including an MMCX-type antenna connector to eliminate the need for complex RF
design. To accelerate customer development time and reduce development costs, Dust Networks provides a fully engineered RF solution,
comprehensive APIs, and complete development documentation.
Key Product Features
WirelessHART Compliance
•
Interoperable with WirelessHART Devices
Highly Scalable
•
Automatic network formation—new motes join automatically
from anywhere in the network
•
All motes are wireless routers, providing a full-mesh network
that easily scales to tens of thousands of motes per square km
•
Time-synchronized communication across 15 channels
virtually eliminates in-network collisions, allowing for dense
deployments in overlapping radio space
Superior Reliability
•
SmartMesh WirelessHART Intelligent Networking Platform
enables greater than 99.99% network reliability even in the
most challenging monitoring and control environments
•
Time-synchronized channel hopping minimizes the impact of
crippling multipath interference in dynamic RF environments
Ultra-low Power Operation
•
Industry-leading radio technology capable of line-powered,
battery-powered, or energy-scavenging operation
•
Automatic network-wide coordination optimizes power
consumption, enabling a decade of network operation on
two Lithium AA batteries
Easy to Integrate and Deploy
•
Fully engineered RF, with power amplifier (PA), balun,
crystals, antenna matching circuitry and antenna connector
•
Comprehensive APIs provide rich and flexible functionality
to ease software development and device integration
Secure Global Market Solution
•
Fully engineered RF, with power amplifier (PA), balun,
crystals, and antenna matching circuitry
•
AES-128 bit encryption


Similar Part No. - LTP5900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
1Mb / 16P
SmartMesh WirelessHART Node Wireless Mote Module
LTP5900-WHM LINER-LTP5900-WHM_15 Datasheet
1Mb / 16P
SmartMesh WirelessHART Node Wireless Mote Module
More results

Similar Description - LTP5900

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
2.4 GHz 802.15.4 Embedded Network Manager
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com