Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 4 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 4 Page - Linear Technology

  LTP5900 Datasheet HTML 1Page - Linear Technology LTP5900 Datasheet HTML 2Page - Linear Technology LTP5900 Datasheet HTML 3Page - Linear Technology LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Dust Networks
LTP5900 Mote Datasheet
1.0
Absolute Maximum Ratings
The absolute maximum ratings shown below should not be violated under any circumstances. Permanent damage to the
device may be caused by exceeding one or more of these parameters.
Unless otherwise noted, all voltages in Table 1 are made relative to VSS.
Table 1
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Comments
Supply voltage (VDD to VSS)
–0.3
3.76
V
Voltage on any digital I/O pin
–0.3
VDD + 0.3
up to 3.6
V
Input RF level
10
dBm
Input power at antenna
connector
Storage temperature range
–40
+85
°C
Lead temperature
+245
°C
For 10 seconds
VSWR of antenna
3:1
ESD protection
Antenna pad
±8000
V
HBM
All other pads
±2
kV
HBM
±200
V
CDM
Caution! ESD sensitive device. Precaution should be used when handling the device to prevent permanent
damage.
2.0
Normal Operating Conditions
Unless otherwise noted, Table 2 assumes VDD is 3.6 V and temperature is 25 °C.
Table 2
Normal Operating Conditions
Parameter
Min
Typ
Max
Units
Comments
Operational supply voltage range
(between VDD and VSS)
2.75
3.76
V
Including noise and load
regulation
Voltage supply noise
200
mVp-p
50 Hz to 2 MHz
Voltage supervisor trip point
1.5
V
Reset trip point
Peak current
4.4
mA
Searching for network,
typically 150 ms on and
2850 ms in doze*
During Power on Reset
12
mA
max 750 uS + VDD rise time
from 1 V to 1.9 V.
Power amplifier enabled
9.5
mA
TX, 5 ms maximum
Power amplifier enabled
12
mA
TX, 5 ms maximum, +85 °C,
3.3 V
Power amplifier disabled
5.2
mA
TX, 5 ms maximum
Reset
1.5
uA
RST
¯¯¯ asserted, following PoR
completion
Operating temperatures
-40
+85
°C
Maximum allowed temperature
ramp during operation
8
°C/min
-40 °C to +85 °C
Operating relative humidity
10
90
% RH
Non-condensing
* The duration of doze time and “on” time is determined by the joinDutyCycle command in the mote serial API. Refer to
the SmartMesh IA-510 Mote Serial API Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com