Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5900 Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5900 Datasheet HTML 9Page - Linear Technology LTP5900 Datasheet HTML 10Page - Linear Technology LTP5900 Datasheet HTML 11Page - Linear Technology LTP5900 Datasheet HTML 12Page - Linear Technology LTP5900 Datasheet HTML 13Page - Linear Technology LTP5900 Datasheet HTML 14Page - Linear Technology LTP5900 Datasheet HTML 15Page - Linear Technology LTP5900 Datasheet HTML 16Page - Linear Technology LTP5900 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LTP5900 Mote Datasheet
Dust Networks
13
SP_CTS
¯¯¯¯¯¯¯.
MT_CTS
¯¯¯¯¯¯¯
Output
MT_CTS
¯¯¯¯¯¯¯ provides packet-level flow control for packets transferred from the microprocessor
to the mote that are destined for transfer over the network. Upon reset, following boot the
mote will negate MT_CTS
¯¯¯¯¯¯¯ until the mote establishes a wireless network connection. During
operation, the mote will negate MT_CTS
¯¯¯¯¯¯¯ if the mote does not have sufficient buffering to
accept another packet. MT_CTS
¯¯¯¯¯¯¯ will also remain high if the mote is not part of the network.
The microprocessor must check that the MT_CTS
¯¯¯¯¯¯¯ pin is low before initiating each serial
packet for wireless transmission.
Note that the mote may receive local serial packets at any time regardless of the MT_CTS
¯¯¯¯¯¯¯
state. For a list of local commands, see the SmartMesh IA-510 Mote Serial API Guide.
TIME
¯¯¯¯
Input
The TIME
¯¯¯¯ pin can be used for triggering a timestamp packet. Its usage is optional.
8.3.3
UART AC Timing
Table 15
UART Timing Values
Variable
Description
Min
Max
Units
tRX_BAUD
Deviation from baud rate
-2
+2
%
tRX_STOP
Number of stop bits (9600 bps)
1
bit period
tRX_STOP
Number of stop bits (115.2 kbps)
1.5
bit period
tTX_BAUD
Deviation from baud rate
-1
+1
%
tTX_STOP
Number of stop bits
1
bit period
tSP_CTS to
MT_RTS
Assertion of SP_CTS
¯¯¯¯¯¯¯ to negation of MT_RTS
¯¯¯¯¯¯¯
0
10
ms
tMT_RTS to
SP_CTS
Assertion of MT_RTS
¯¯¯¯¯¯¯ to assertion of SP_CTS
¯¯¯¯¯¯¯
500
ms
tMT_RTS retry
Time from a MT_RTS
¯¯¯¯¯¯¯ timeout to the retry.
500
ms
tSP_CTS to TX
Assertion of SP_CTS
¯¯¯¯¯¯¯ to start of byte
0
10
ms
tTX to SP_CTS
Start of byte to negation of SP_CTS
¯¯¯¯¯¯¯
1
bit period
tSP_CTS ack PW
Negation pulse width of SP_CTS
¯¯¯¯¯¯¯
500
ns
tdiag_ack_timeout*
The mote responds to all requests within this time.
125
ms
tinterbyte_timeout
Falling edge of TX to falling edge of SP_CTS
¯¯¯¯¯¯¯ (Mode 3 only)
7.1
ms
tinterpacket_delay
The sender of an HDLC packet must wait at least this amount
of time before sending another packet
20
ms
* For more information about supported requests and details on when tdiag_ack_timeout applies, refer to the
SmartMesh IA-510 Mote Serial API Guide
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com