Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 34 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 34 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 36Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 37Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 38Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
APPLICATION NOTE #108
Released 9/98
CT2580 - McAir Bus Remote Terminal Only
CT2580- XX- YY- Z Z
P 1 1 9 = 119 Pin PGA
F 8 4
= 84 Pin Quad Flatpack
QM
= Full Mil 883C Screened Part (-550C to +1250C)
X T
= Extended Temperature Range (-550C to +1250C)
I N
= Industrial Temperature Range (-400C to +850C)
C G
= Commercial Grade (00C to +700C)
X X
= Function Selection
0 = Memory Enabled (T0-T15 Bus)
1 = Memory Enabled (T0-T10 Bus)
0 = No Stores Pinout
1 = Stores Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com