Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 38 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 38 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 36Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 37Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 38Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 39Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 40Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 41Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
38
APPLICATION NOTE #108
Released 9/98
CT2579-01-xx-F84 Pinouts – 84 Pin Quad Flatpack
Pin #
Description
Pin #
Description
1
ADIN 11
43
NCMDSTRB
2
ADIN 10
44
NEMPTY
3
ADIN 09
45
DATA 00
4
BCNRT
46
DATA 01
5
NSYNC
47
NSSFLAG
6
ADIN 08
48
UB
7
Not Connected
49
NBIT16
8
Not Connected
50
Not Connected
9
ADIN 07
51
DATA 02
10
ADIN 06
52
Not Connected
11
MCDET
53
DATA 03
12
NVCR
54
DATA 04
13
BCST
55
DATA 05
14
NTF
56
WRAPEN
15
ADIN 05
57
DATA 06
16
ADIN 04
58
T 00
17
NME
59
DATA 07
18
ADDR E
60
DATA 08
19
NDBC
61
T 01
20
EOT
62
T 02
21
ADDR D
63
DATA 09
22
ADDR C
64
DATA 10
23
ADDR B
65
DATA 11
24
NWR
66
T 03
25
ADDR A
67
T 04
26
NRD
68
T 05
27
NACK
69
DATA 12
28
ADDR P
70
T 06
29
DATA (Bus 0)
71
DATA 13
30
NDATA (Bus 0)
72
DATA 14
31
NSTSTRB
73
T 07
32
NCARDEN
74
DATA (Bus 1)
33
ERROR
75
NDATA (Bus 1)
34
VDD1
76
NFULL
35
VSS1
77
DATA 15
36
C16MHZ
78
VDD2
37
LA
79
VSS2
38
ADIN 03
80
NILLCMD
39
ADIN 02
81
T 08
40
ADIN 01
82
T 09
41
NRES/NRCL
83
T 10
42
ADIN 00
84
VME(/MULTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com