Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 27Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23
APPLICATION NOTE #108
Released 9/98
RT/BC Device Memory Map Code Breakdown Descriptions
RT STATUS WORD Control Sets
0 0 00 01
001
0002
FFFE
DBC
0 0 00 02
002
0004
FFFD
SSFLAG
0 0 00 03
003
0006
FFFC
SSFLAG + DBC
0 0 00 04
004
0008
FFFB
BUSY
0 0 00 05
005
000A
FFFA
BUSY + DBC
0 0 00 06
006
000C
FFF9
BUSY + SSFLAG
0 0 00 07
007
000E
FFF8
BUSY + SSFLAG + DBC
0 0 00 08
008
0010
FFF7
SERVREQ
0 0 00 09
009
0012
FFF6
SERVREQ + DBC
0 0 00 0A
00A
0014
FFF5
SERVREQ + SSFLAG
0 0 00 0B
00B
0016
FFF4
SERVREQ + SSFLAG + DBC
0 0 00 0C
00C
0018
FFF3
SERVREQ + BUSY
0 0 00 0D
00D
001A
FFF2
SERVREQ + BUSY + DBC
0 0 00 0E
00E
001C
FFF1
SERVREQ + BUSY + SSFLAG
0 0 00 0F
00F
001E
FFF0
SERVREQ + BUSY + SSFLAG + DBC
BC Control Area
0 0 00 10
010
0020
FFEF
BC - SELECT BUS 0
(18
018
0040
FFE7BC - SELECT BUS 1)
RT/RX BC/TX Mode Area 00 - SA 00 (0) and BC Control
0 0 00 11
011
0022
FFEE
SYNC WORD
0 0 00 12
012
0024
FFED
ERROR Register
0 0 00 13
013
0026
FFEC
User
0 0 00 14
014
0028
FFEB
SELECTED TX SHUTDOWN (0000/0001)
0 0 00 15
015
002A
FFEA
OVERRIDE SELECTED TX SHUTDOWN (0000/0001)
0 0 00 16
016
002C
FFE9
User
0 0 00 17
017
002E
FFE8
User
0 0 00 18
018
0030
FFE7
BC - SELECT BUS 1
(10
010
0020
FFEF
BC - SELECT BUS 0)
0 0 00 19
019
0032
FFE6
User
THROUGH
0 0 00 1F
01F
003E
FFE0
User
30 RT Receive / BC Transmit Subaddresses - SA 01-1E (1-30)
0 0 01 00
020
0040
FFDF
SA1Last Word (Word 01 if WC =1)
0 0 01 04
024
0048
FFDB
Word 01 if WC = 5
0 0 01 1F
03F
007E
FFC0
Word 01 if WC = 32
0 0 02 00
040
0080
FFBF
SA2
0 0 02 1F
05F
00BE
FFA0
0 0 03 00
060
00C0
FF9F
SA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com