Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT2579 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
APPLICATION NOTE #108
Released 9/98
incoming data for correct checksum and generate the correct checksum word for an
outgoing data transfer.
"0" input to this pin ENABLES the checksum circuitry.
"1" input to this pin Disables the checksum circuitry.
NVALCHK
Latched version of the STATUS signal. NVALCHK is latched on the falling edge of
NCMDSTRB (RT) or NSTSTRB (BC) and will remain stable until the next
NCMDSTRB or NSTSTRB.
"0" output to this pin means the checksum was VALID.
"1" output to this pin means the checksum was NOT VALID.
STATUS
Open drain output will toggle high or low on each incoming data word from the 1553
databus provided NENCHK is enabled. When the last data word is received the
STATUS line is sampled by the protocol circuitry to determine if the checksum for the
message is valid. At the end of the message, if STATUS is low then the checksum is
not valid. This STATUS signal can be wired to several different pins to customise the
units response to achecksum failure. STATUS can be wired to signals such as
NILLCMD and NSR which would cause the message to be illegalised and set Service
Request bit in the Status.
NHDR
In MIL-STD-1760, the first data word of a message is defined as a Header word. The
NHDR signal indicates the presence of the Header word on the T0-T15 highway as it
is received. The user can also read the Header word from RAM.
"0" on this pin means the Header Word is on the T0-15 Bus
STREL
When the store is released from the aircraft all the Remote Terminal address inputs
go high causing signal STREL to go high
LA
Enables the Latched Address Option. Normally, the RT address lines are constantly
monitored and compared to the incoming Command Word. When enabled, the RT
address lines levels are internally latched every time the unit is reset. The latched RT
address information is then compared to the incoming Command Word. This latched
address function complies with the requirements of MIL-STD-1760.
"0" on this pin means the RT address lines are NOT latched
"1" on this pin means the RT address lines are latched
Bus Interface Signals
ADIN0-11
12 bit address input to the unit specifying what location the user will be access-
ing in the RAM / registers. These address inputs are inverted when the Multibus inter-
face is selected.
BCNRT
Indicates what mode the unit is in.
"0" = RT Mode
"1" = BC Mode
NCARDEN
Used as a Device Select. Signal to indicate the processor is addressing this unit. The
user can use this signal tied to an address decoder to enable the unit for a read/write
operation.
"0" = Enable unit for I/O operations
"1" = DISABLE unit for I/O operations
C16Mhz
16 Mhz clock system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com