Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 26Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
APPLICATION NOTE #108
Released 9/98
CT2577 /79 RT/BC Device Memory Map Breakdown
The following description is for devices that have internal 3K memory.
ALL 'User' Locations are Read/Writable
BCST (Binary)
T/R
(Binary)
Subaddress (Hex)
Word Count (Hex)
Composite VME Address 16-bit mode (Hex)
Composite VME Address 8-bit mode (Hex) = Lower Byte
Upper Byte = Address +1
Composite MULTIbus Address 16-bit mode (Hex)
FUNCTION
0
0
00
00
000
0000
FFF
W - Command Word (2nd RT-RT Command) (BC)
TRIGGERS BC - BUS ’X’ Operation
R - Received STATUS (FIFO Stack) (BC)
W - Resets ALL Status Bits (RT)
R - RT Received COMMAND (RT)
0
0
00
01
001
0002
FFE
R/W - 1st RT-RT COMMAND (BC)
R/W - Memory Address 002 through 00Fh (BC)
W - Sets STATUS Word Flags as Described below (RT)
R - ALL Status Bits WRITTEN (RT) via Addresses 001---
00F plus BURST Control as Follows:
x = Don't Care
Y = STATUS Word Bits Selected via WRITEs to 001 through 00Fh
B = BURST Control Selected via WRITEs to 402 through 405h
xxxx xxxx 00 B B
Y Y Y Y
DBC
SSF
BUSY
SR
BTL WRITE ENABLED (TX)
BTL READ ENABLED (RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com