Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
APPLICATION NOTE #108
Released 9/98
processor intervention even further, the Command/Status FIFO will only store commands
that have associated data with it.
MESSAGE ILLEGALIZATION
Any message can be illegalized by applying an active low on the NME signal within 600
nSec of the rising edge of NVCR at this time. If NME signal is pulled low, the RT will respond
with a Status word having the Message Error bit set.
One way to implement this function is to place a latching PROM to the T0-T10 data bus. The
PROM would only have to decode 11 bits (5 bits subaddress, 5 bits word count, 1 bit T/R)
and have a one bit output to place a high/low level on the NME input pin. The upper five bits
(T11-T15) are just the Remote Terminal address for the unit which is a constant so no
decode of these bits are necessary. The latching signal for the PROM would be the NVCR
line. The NME pin will be read and acted upon 600 nSec after the rising edge of NVCR. The
NME signal would remain latched and stable until the next rising edge of NVCR.
MIL-STD-1760 FEATURES
To enable the 1760 features checksum validation, the NENCHK line is held low. This
enables the integrated on-chip hardware checksum features. The hardware automatically
checks the incoming message for the correct checksum.
1760 HEADER WORD
The signal NHDR will be an early indicator of the 1760 header word. This headerword will
appear on the T0-15 bus when the NHDR signal is low. The NHDR signal will go low on
every header word (first data word) even if the 1760 checksum circuitry is enabled or not.
NHDR is just an indicator of the first data word on the bus T0-15.
T0-15
NVCR
NME
CMD WD
500 nSec
600 nSec
Max
T0-15
NHDR
1760 HDR WD
500 nSec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com