Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2579 Datasheet(PDF) 27 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 27 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 31Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
27
APPLICATION NOTE #108
Released 9/98
0 1 17 1F
6FF
0DFE
F900
0 1 18 00
700
0E00
F8FF
SA24
0 1 18 1F
71F
0E3E
F8E0
0 1 19 00
720
0E40
F8DF
SA25
0 1 19 1F
73F
0E7E
F8C0
0 1 1A 00
740
0E80
F8BF
SA26
0 1 1A 1F
75F
0EBE
F8A0
0 1 1B 00
760
0EC0
F89F
SA27
0 1 1B 1F
77F
0EFE
F880
0 1 1C 00
780
0F00
F87F
SA28
0 1 1C 1F
79F
0F3E
F860
0 1 1D 00
7A0
0F40
F85F
SA29
0 1 1D 1F
7BF
0F7E
F840
0 1 1E 00
7C0
0F80
F83F
SA30
0 1 1E 1F
7DF
0FBE
F820
RT/ TX BC/RX Mode Area - SA 1F (31)
0 1 1F 00
7E0
0FC0
F81F
THROUGH
0 1 1F 0F
7EF
0FDE
F810
0 1 1F 10
7F0
0FE0
F80F
VECTOR WORD
0 1 1F 11
7F1
0FE2
F80E
User
0 1 1F 12
7F2
0FE4
F80D
LAST COMMAND
0 1 1F 13
7F3
0FE6
F80C
BIT WORD
0 1 1F 14
7F4
0FE8
F80B
User
THROUGH
0 1 1F 1F
7FF
0FFE
F800
User
Broadcast RT/RX BC/TX Mode Area - SA 00 (0)
1 0 00 00
800
1000
F7FF
User
THROUGH
1 0 00 10
810
1020
F7EF
User
1 0 00 11
811
1022
F7EE
SYNC WORD
1 0 00 12
812
1024
F7ED
User
1 0 00 13
813
1036
F7EC
User
1 0 00 14
814
1028
F7EB
SELECTED TX SHUTDOWN (0000/0001)
1 0 00 15
815
102A
F7EA
OVERRIDE SELECTED TX SHUTDOWN (0000/0001)
1 0 00 16
816
102C
F7E9
User
THROUGH
1 0 00 1F
81F
103E
F7E0
User
30 Broadcast RT Receive / BC Transmit Subaddresses - SA 01-1E (1-30)
1 0 01 00
820
1040
F7DF
SA1 Last Word (Word 01 if WC =1)
1 0 01 04
824
1048
F7DB
SA1 Word 01 if WC = 5
1 0 01 1F
83F
107E
F7C0
SA1 Word 01 if WC = 32
1 0 02 00
840
1080
F7BF
SA2
1 0 02 1F
85F
10BE
F7A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com