Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9129BBCZ Datasheet HTML 1Page - Analog Devices AD9129BBCZ Datasheet HTML 2Page - Analog Devices AD9129BBCZ Datasheet HTML 3Page - Analog Devices AD9129BBCZ Datasheet HTML 4Page - Analog Devices AD9129BBCZ Datasheet HTML 5Page - Analog Devices AD9129BBCZ Datasheet HTML 6Page - Analog Devices AD9129BBCZ Datasheet HTML 7Page - Analog Devices AD9129BBCZ Datasheet HTML 8Page - Analog Devices AD9129BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 4 of 68
LVDS DIGITAL SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C. LVDS drivers and receivers are compatible with the IEEE
Standard 1596.3-1996, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LVDS DATA INPUTS (P1_D[13:0]P, P1_D[13:0]N,
P0_D[13:0]P, P0_D[13:0]N)
Px_DxP = VIA, Px_DxN = VIB
Input Voltage Range
VIA, VIB
825
1575
mV
Input Differential Threshold
VIDTH
−100
+100
mV
Input Differential Hysteresis
VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance
RIN
80
120
Ω
LVDS Input Rate
1400
MSPS
Input Capacitance
1.2
pF
LVDS CLOCK INPUTS (DCI_P, DCI_N)
DCI_P = VIA, DCI_N = VIB
Input Voltage Range
VIA, VIB
825
1575
mV
Input Differential Threshold
VIDTH
−225
+225
mV
Input Differential Hysteresis
VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance
RIN
80
120
Ω
Maximum Clock Rate
700
MHz
LVDS CLOCK OUTPUTS (DCO_P, DCO_N)
DCO_P = VOA, DCO_N = VOB,
100 Ω termination
Output Voltage High
VOA, VOB
1375
mV
Output Voltage Low
VOA, VOB
1025
mV
Output Differential Voltage
|VOA|, |VOB|
Register 0x7C[7:6] = 01b (default)
200
225
250
mV
Output Offset Voltage
VOS
1150
1250
mV
Output Impedance, Single-Ended
RO
80
100
120
Ω
RO Mismatch Between A and B
∆RO
10
%
Change in |VOD| Between Setting 0 and Setting 1
|∆VOD|
25
mV
Change in VOS Between Setting 0 and Setting 1
∆VOS
25
mV
Output Current
Driver Shorted to Ground
ISA, ISB
20
mA
Drivers Shorted Together
ISAB
4
mA
Power-Off Output Leakage
|IXA|, |IXB|
10
µA
Maximum Clock Rate
700
MHz
HSTL DIGITAL SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C. HSTL receiver levels are compatible with the EIA/JEDEC
JESD8-6 standard, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
HSTL DATA INPUTS (P1_D[13:0]P, P1_D[13:0]N,
P0_D[13:0]P, P0_D[13:0]N)
Px_DxP = VIA, Px_DxN = VIB
Common-Mode Input Voltage Range
VIA, VIB
0.68
0.9
V
Differential Input Voltage
200
mV
Receiver Differential Input Impedance
RIN
80
120
Ω
HSTL Input Rate
1400
MSPS
Input Capacitance
1.2
pF
HSTL CLOCK INPUT (DCI_P, DCI_N)
DCI_P = VIA, DCI_N = VIB
Common-Mode Input Voltage Range
VIA, VIB
0.68
0.9
mV
Differential Input Voltage
450
mV
Receiver Differential Input Impedance
RIN
80
120
Ω
Maximum Clock Rate
700
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com