Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9129BBCZ Datasheet HTML 1Page - Analog Devices AD9129BBCZ Datasheet HTML 2Page - Analog Devices AD9129BBCZ Datasheet HTML 3Page - Analog Devices AD9129BBCZ Datasheet HTML 4Page - Analog Devices AD9129BBCZ Datasheet HTML 5Page - Analog Devices AD9129BBCZ Datasheet HTML 6Page - Analog Devices AD9129BBCZ Datasheet HTML 7Page - Analog Devices AD9129BBCZ Datasheet HTML 8Page - Analog Devices AD9129BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 5 of 68
SERIAL PORT AND CMOS PIN SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C.
Table 4.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
WRITE OPERATION
See Figure 126
SCLK Clock Rate
fSCLK, 1/tSCLK
20
MHz
SCLK Clock High
tHIGH
20
ns
SCLK Clock Low
tLOW
20
ns
SDIO to SCLK Setup Time
tDS
10
ns
SCLK to SDIO Hold Time
tDH
5
ns
CS to SCLK Setup Time
tS
10
ns
SCLK to CS Hold Time
tH
5
ns
READ OPERATION
See Figure 127
SCLK Clock Rate
fSCLK, 1/tSCLK
20
MHz
SCLK Clock High
tHIGH
20
ns
SCLK Clock Low
tLOW
20
ns
SDIO to SCLK Setup Time
tDS
10
ns
SCLK to SDIO Hold Time
tDH
5
ns
CS to SCLK Setup Time
tS
10
ns
SCLK to SDIO (or SDO) Data Valid Time
tDV
10
ns
CS to SDIO (or SDO) Output Valid to High-Z
tEZ
2
INPUTS (SDI, SDIO, SCLK, CS)
Voltage In High
VIH
1.2
1.8
V
Voltage In Low
VIL
0
0.4
V
Current In High
IIH
+75
µA
Current In Low
IIL
−150
µA
OUTPUTS (SDIO, SYNC)
Voltage Out High
VOH
1.3
2.0
V
Voltage Out Low
VOL
0
0.3
V
Current Out High
IOH
4
mA
Current Out Low
IOL
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com