Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 17Page - Analog Devices AD9129BBCZ Datasheet HTML 18Page - Analog Devices AD9129BBCZ Datasheet HTML 19Page - Analog Devices AD9129BBCZ Datasheet HTML 20Page - Analog Devices AD9129BBCZ Datasheet HTML 21Page - Analog Devices AD9129BBCZ Datasheet HTML 22Page - Analog Devices AD9129BBCZ Datasheet HTML 23Page - Analog Devices AD9129BBCZ Datasheet HTML 24Page - Analog Devices AD9129BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 21 of 68
IOUTFS = 33 mA, fDAC = 2.782 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–50
–55
–65
–80
–70
–75
–85
–60
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 50. Single-Carrier ACPR vs. fOUT
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–50
–55
–65
–80
–70
–75
–85
–60
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 51. Four-Carrier ACPR vs. fOUT
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–50
–75
–80
–65
–70
–60
–55
–85
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 52. Eight-Carrier ACPR vs. fOUT
0
0.2
0.4
0.8
0.6
1.0
fOUT (GHz)
–50
–75
–80
–65
–70
–60
–55
–85
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 53. 16-Carrier ACPR vs. fOUT
0.1
0.2
0.4
0.3
0.5
0.7
0.8
0.6
0.9
fOUT (MHz)
–50
–75
–80
–65
–70
–60
–55
–85
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 54. 32-Carrier ACPR vs. fOUT
–120
CENTER 77MHz
RES BW 10kHz
VBW 1kHz
SWEEP 6.08s (1001 pts)
REF –20dBm
SPAN 60MHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Figure 55. Gap Channel ACPR at 77 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com