Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 12Page - Analog Devices AD9129BBCZ Datasheet HTML 13Page - Analog Devices AD9129BBCZ Datasheet HTML 14Page - Analog Devices AD9129BBCZ Datasheet HTML 15Page - Analog Devices AD9129BBCZ Datasheet HTML 16Page - Analog Devices AD9129BBCZ Datasheet HTML 17Page - Analog Devices AD9129BBCZ Datasheet HTML 18Page - Analog Devices AD9129BBCZ Datasheet HTML 19Page - Analog Devices AD9129BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 16 of 68
AC (Mix-Mode)
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–100
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 0dBm
STOP 2.6GHz
–90
–80
–70
–60
–50
–40
–30
–10
–20
0
Figure 24. Single Tone Spectrum at fOUT = 2350 MHz
500
1000
1500
2000
2500
3000
fOUT (MHz)
1600MSPS
2200MSPS
2800MSPS
–40
–50
–60
–70
–80
–90
Figure 25. SFDR vs. fOUT over fDAC
1000
1500
2000
3500
3500
2500
4000
4500
fOUT (MHz)
–145
–150
–155
–160
–165
–170
Figure 26. Single-Tone NSD vs. fOUT
–95
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 5dBm
STOP 2.6GHz
–85
–75
–65
–55
–45
–35
–25
–5
–15
5
Figure 27. Single-Tone Spectrum at fOUT = 1600 MHz
500
1000
1500
2000
2500
3000
fOUT (MHz)
1600MSPS
2200MSPS
2800MSPS
–50
–55
–60
–65
–70
–75
–80
–85
Figure 28. IMD vs. fOUT over fDAC
1500
2000
2500
3000
3500
4000
fOUT (MHz)
–145
–150
–155
–160
–165
–170
Figure 29. W-CDMA NSD vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com