Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 15Page - Analog Devices AD9129BBCZ Datasheet HTML 16Page - Analog Devices AD9129BBCZ Datasheet HTML 17Page - Analog Devices AD9129BBCZ Datasheet HTML 18Page - Analog Devices AD9129BBCZ Datasheet HTML 19Page - Analog Devices AD9129BBCZ Datasheet HTML 20Page - Analog Devices AD9129BBCZ Datasheet HTML 21Page - Analog Devices AD9129BBCZ Datasheet HTML 22Page - Analog Devices AD9129BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 19 of 68
DOCSIS Performance (Normal Mode)
IOUTFS = 33 mA, fDAC = 2.782 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–3.819dBm
(Δ) –74.107dB
(Δ) –74.148dB
X
70MHz
(Δ) 70MHz
(Δ) 140MHz
FUNCTION
VALUE
–3.819dBm
(Δ) –74.24dB
(Δ) –74.17dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
1
2Δ1 3Δ1
Figure 38. Single Carrier at 70 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–12.143dBm
(Δ) –70.38dB
(Δ) –67.78dB
X
79MHz
(Δ) 61MHz
(Δ) 131MHz
FUNCTION
VALUE
–12.142dBm
(Δ) –70.351dB
(Δ) –67.775dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
1
2Δ1 3Δ1
Figure 39. Four Carrier at 70 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 20kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–15.295dBm
(Δ) –66.768dB
(Δ) –66.821dB
X
91MHz
(Δ) 49MHz
(Δ) 117.9MHz
FUNCTION
VALUE
–15.294dBm
(Δ) –66.669dB
(Δ) –66.833dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
2Δ1 3Δ1
1
Figure 40. Eight Carrier at 70 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–6.351dBm
(Δ) –66.696dB
(Δ) –70.598dB
X
950MHz
(Δ) –68MHz
(Δ) –882MHz
FUNCTION
VALUE
–6.349dBm
(Δ) –66.696dB
(Δ) –70.598dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
1
2Δ1
3Δ1
Figure 41. Single Carrier at 950 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–14.282dBm
(Δ) –64.535dB
(Δ) –68.529dB
X
959MHz
(Δ) –77MHz
(Δ) –891MHz
FUNCTION
VALUE
–14.264dBm
(Δ) –64.535dB
(Δ) –68.597dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
2Δ1
3Δ1
1
Figure 42. Four Carrier at 950 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–14.632dBm
(Δ) –62.657dB
(Δ) –66.131dB
X
971MHz
(Δ) –89MHz
(Δ) –903MHz
FUNCTION
VALUE
–18.397dBm
(Δ) –62.657dB
(Δ) –66.195dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
1
2Δ1
3Δ1
Figure 43. Eight Carrier at 950 MHz Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com