Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 5Page - Analog Devices AD9129BBCZ Datasheet HTML 6Page - Analog Devices AD9129BBCZ Datasheet HTML 7Page - Analog Devices AD9129BBCZ Datasheet HTML 8Page - Analog Devices AD9129BBCZ Datasheet HTML 9Page - Analog Devices AD9129BBCZ Datasheet HTML 10Page - Analog Devices AD9129BBCZ Datasheet HTML 11Page - Analog Devices AD9129BBCZ Datasheet HTML 12Page - Analog Devices AD9129BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 9 of 68
Pin No.
Mnemonic
Description
G12, G13, G14, H11, H12, H13,
H14, J3, J4, J11, J12, J13, J14
VDD
+1.8 V Digital Supply Voltage Input.
C13, C14, D12, D13, D14, E11,
E12, E13, E14, F11, F12, F13, F14,
G1, G2, G3, G11, H3, H4
VSS
+1.8 V Digital Supply Return.
A12, A13, A14, B12, B13, C11,
C12, D5, D6, D8, D9, D10, D11,
E3, E4, F1, F2, F3, F4, G4
VSSC
Analog Supply Return.
A6
IOUTP
DAC Positive Current Output Source.
A7
IOUTN
DAC Negative Current Output Source.
B14
SYNC
Synchronization Signal Output.
C1, D1
DACCLK_N, DACCLK_P
Negative/Positive DAC Clock Input.
H1
RESET
Reset Input. Active high. If unused, tie this pin to VSS.
H2
IRQ
Interrupt Request Open Drain Output. Active high. Pull up this pin to VDD
with a 1 kΩ resistor.
J1
SDIO
Serial Port Data Input/Output.
J2
SDO
Serial Port Data Output.
K1
SCLK
Serial Port Clock Input.
K2
CS
Serial Port Enable Input.
K3, K4
DCI_P, DCI_N
Positive, Negative Data Clock Input (DCI).
K11, K12
DCO_P, DCO_N
Positive, Negative Data Clock Output (DCO).
K13, K14
FRM_P, FRM_N
Positive, Negative Data Frame/Parity Signal (FRAME/PARITY).
L1, M1
NC, NC
No Connect. Do not connect to this pin.
L2, M2
NC, NC
No Connect. Do not connect to this pin.
L3, M3
NC, NC
No Connect. Do not connect to this pin.
L4, M4
P1_D0P, P1_D0N
Data Port 1 Positive/Negative Data Input Bit 0.
L5, M5
P1_D1P, P1_D1N
Data Port 1 Positive/Negative Data Input Bit 1.
L6, M6
P1_D2P, P1_D2N
Data Port 1 Positive/Negative Data Input Bit 2.
L7, M7
P1_D3P, P1_D3N
Data Port 1 Positive/Negative Data Input Bit 3.
L8, M8
P1_D4P, P1_D4N
Data Port 1 Positive/Negative Data Input Bit 4.
L9, M9
P1_D5P, P1_D5N
Data Port 1 Positive/Negative Data Input Bit 5.
L10, M10
P1_D6P, P1_D6N
Data Port 1 Positive/Negative Data Input Bit 6.
L11, M11
P1_D7P, P1_D7N
Data Port 1 Positive/Negative Data Input Bit 7.
L12,M12
P1_D8P, P1_D8N
Data Port 1 Positive/Negative Data Input Bit 8.
L13, M13
P1_D9P, P1_D9N
Data Port 1 Positive/Negative Data Input Bit 9.
L14, M14
P1_D10P, P1_D10N
Data Port 1 Positive/Negative Data Input Bit 10.
N1, P1
NC, NC
No Connect. Do not connect to this pin.
N2, P2
NC, NC
No Connect. Do not connect to this pin.
N3, P3
NC, NC
No Connect. Do not connect to this pin.
N4, P4
P0_D0P, P0_D0N
Data Port 0 Positive/Negative Data Input Bit 0.
N5, P5
P0_D1P, P0_D1N
Data Port 0 Positive/Negative Data Input Bit 1.
N6, P6
P0_D2P, P0_D2N
Data Port 0 Positive/Negative Data Input Bit 2.
N7, P7
P0_D3P, P0_D3N
Data Port 0 Positive/Negative Data Input Bit 3.
N8, P8
P0_D4P, P0_D4N
Data Port 0 Positive/Negative Data Input Bit 4.
N9, P9
P0_D5P, P0_D5N
Data Port 0 Positive/Negative Data Input Bit 5.
N10, P10
P0_D6P, P0_D6N
Data Port 0 Positive/Negative Data Input Bit 6.
N11, P11
P0_D7P, P0_D7N
Data Port 0 Positive/Negative Data Input Bit 7.
N12, P12
P0_D8P, P0_D8N
Data Port 0 Positive/Negative Data Input Bit 8.
N13, P13
P0_D9P, P0_D9N
Data Port 0 Positive/Negative Data Input Bit 9.
N14, P14
P0_D10P, P0_D10N
Data Port 0 Positive/Negative Data Input Bit 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com