Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9129BBCZ Datasheet HTML 1Page - Analog Devices AD9129BBCZ Datasheet HTML 2Page - Analog Devices AD9129BBCZ Datasheet HTML 3Page - Analog Devices AD9129BBCZ Datasheet HTML 4Page - Analog Devices AD9129BBCZ Datasheet HTML 5Page - Analog Devices AD9129BBCZ Datasheet HTML 6Page - Analog Devices AD9129BBCZ Datasheet HTML 7Page - Analog Devices AD9129BBCZ Datasheet HTML 8Page - Analog Devices AD9129BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
11-/14-Bit, 5.6 GSPS,
RF Digital-to-Analog Converter
Data Sheet
AD9119/AD9129
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DAC update rate: up to 5.6 GSPS
Direct RF synthesis at 2.8 GSPS data rate
DC to 1.4 GHz in baseband mode
DC to 1.0 GHz in 2× interpolation mode
1.4 GHz to 4.2 GHz in Mix-Mode
Bypassable 2× interpolation
Excellent dynamic performance
Supports DOCSIS 3.0 wideband ACLR/harmonic performance
8 QAM carriers: ACLR > 65 dBc
Industry-leading single/multicarrier IF or RF synthesis
4-carrier W-CDMA ACLR at 2457.6 MSPS
fOUT = 900 MHz, ACLR = 71 dBc (baseband mode)
fOUT = 2100 MHz, ACLR = 68 dBc (Mix-Mode)
fOUT = 2700 MHz, ACLR = 67 dBc (Mix-Mode)
Dual-port LVDS and DHSTL data interface
Up to 1.4 GSPS operation
Source synchronous DDR clocking with parity bit
Low power: 1.0 W at 2.8 GSPS (1.3 W at 5.6 GSPS)
APPLICATIONS
Broadband communications systems
CMTS/VOD
Wireless infrastructure: W-CDMA, LTE, point-to-point
Instrumentation, automatic test equipment (ATE)
Radars, jammers
FUNCTIONAL BLOCK DIAGRAM
SDO
SDIO
SCLK
CS
DCI_x
SPI
RESET
Tx DAC
CORE
IOUTP
IOUTN
IRQ
2×
BASEBAND
MODE
MIX-
MODE
FRM_x
(FRAME/
PARITY)
AD9129
CLOCK
DISTRIBUTION
VREF
I250U
P1_D[13:0]P,
P1_D[13:0]N
P0_D[13:0]P,
P0_D[13:0]N
DLL
1.2V
PLL
DCO_x
NORMAL
DACCLK_x
DCR
Figure 1.
GENERAL DESCRIPTION
The AD9119/AD9129 are high performance, 11-/14-bit RF digital-
to-analog converters (DACs) supporting data rates up to 2.8 GSPS.
The DAC core is based on a quad-switch architecture that enables
dual-edge clocking operation, effectively increasing the DAC
update rate to 5.6 GSPS when configured for Mix-Mode™ or 2×
interpolation. The high dynamic range and bandwidth enable
multicarrier generation up to 4.2 GHz.
In baseband mode, wide bandwidth capability combines with high
dynamic range to support from 1 to 158 contiguous carriers for
CATV infrastructure applications. A choice of two optional 2×
interpolation filters is available to simplify the postreconstruction
filter by effectively increasing the DAC update rate by a factor of 2.
In Mix-Mode operation, the AD9119/AD9129 can reconstruct
RF carriers in the second and third Nyquist zone while still
maintaining exceptional dynamic range up to 4.2 GHz. The
high performance NMOS DAC core features a quad-switch
architecture that enables industry-leading direct RF synthesis
performance with minimal loss in output power. The output
current can be programmed over a range of 9.5 mA to 34.4 mA.
The AD9119/AD9129 include several features that may further
simplify system integration. A dual-port, source synchronous
LVDS interface simplifies the data interface to a host FPGA/ASIC.
A differential frame/parity bit is also included to monitor the
integrity of the interface. On-chip delay locked loops (DLLs)
are used to optimize timing between different clock domains.
A serial peripheral interface (SPI) is used to configure the
AD9119/AD9129 and monitor the status of readback registers.
The AD9119/AD9129 is manufactured on a 0.18 µm CMOS
process and operates from +1.8 V and −1.5 V supplies. It is
supplied in a 160-ball chip scale package ball grid array.
PRODUCT HIGHLIGHTS
1. High dynamic range and signal reconstruction bandwidth
support RF signal synthesis of up to 4.2 GHz.
2. Dual-port interface with double data rate (DDR) LVDS
data receivers supports 2800 MSPS maximum conversion rate.
3. Manufactured on a CMOS process; a proprietary switching
technique enhances dynamic performance.


Similar Part No. - AD9129BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9129BBCZ AD-AD9129BBCZ Datasheet
2Mb / 66P
RF Digital-to-Analog Converter
6/2017-Rev. A to Rev. B
AD9129BBCZRL AD-AD9129BBCZRL Datasheet
2Mb / 66P
RF Digital-to-Analog Converter
6/2017-Rev. A to Rev. B
More results

Similar Description - AD9129BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9699 AD-AD9699 Datasheet
7Mb / 121P
14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
5/2021-Revision 0
AD9161 AD-AD9161 Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com