Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 41 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 37Page - Analog Devices AD9129BBC Datasheet HTML 38Page - Analog Devices AD9129BBC Datasheet HTML 39Page - Analog Devices AD9129BBC Datasheet HTML 40Page - Analog Devices AD9129BBC Datasheet HTML 41Page - Analog Devices AD9129BBC Datasheet HTML 42Page - Analog Devices AD9129BBC Datasheet HTML 43Page - Analog Devices AD9129BBC Datasheet HTML 44Page - Analog Devices AD9129BBC Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 41 of 68
Maximizing the opening of the eye in both the DCI and data
signals improves reliability of the data port interface. Use differ-
ential controlled impedance traces of equal length (that is, delay)
between the host processor and the AD9119/AD9129 input. To
ensure coincident transitions with the data bits, implement the
DCI as an additional data line with an alternating (010101…)
bit sequence from the same output drivers that are used for
the data.
For synchronous operation between the host and the AD9119/
AD9129, the AD9119/AD9129 provide a data clock output, DCO,
to the host at the same rate as DCI (that is, fDACCLK/4). Note that
the DCI signal can have arbitrary phase alignment with respect to
the DCO because the DLL of the AD9119/AD9129 ensures proper
data hand-off between the two clock domains (that is, the host
processors and the internal digital core of the AD9119/AD9129).
The default reset state of the AD9119/AD9129 is to have the
DCO signal disabled. To enable it, write a 1b to Register 0x0C,
Bit 6. The DCO output level is controlled in Register 0x7C,
Bits[7:6]. The default setting is 01b, or 2.8 mA, but it can be
increased to as high as 4 mA (11b) if higher swing is necessary.
The DCI signal is ac-coupled internally; therefore, a possibility
exists that removing the DCI signal can cause DAC output chatter
due to randomness on the DCI input. To avoid this chatter, it is
recommended that the DAC output be disabled when the DCI
signal is not present. To do this, program the DAC output current
power-down bit in Register 0x01, Bit 6, to 1b. When the DCI signal
is again present, the DAC output can be enabled by programming
Register 0x01, Bit 6, to 0b. The DAC output powers up in ~2 µs.
The status of the DLL can be polled by reading the data status
register at Address 0x0E. Bit 0 indicates that the DLL is running
and attempting lock, and Bit 7 is set to 1b when the DLL is locked.
Bit 2 is set to 1b when a valid data clock is detected. The warning
bits in Address 0x0E, Bits[6:4] can be used as indicators that the
DAC may be operating in a nonideal location in the delay line.
Note that these bits are read at the SPI port speed, which is much
slower than the actual speed of the DLL. This means that these
bits can show only a snapshot of what is happening, rather than
giving real-time feedback.
Temperature Effects
The length of the delay line varies slightly across the operating
temperature range, as the amount of delay through a delay cell
expands or contracts slightly due to the temperature change.
This can introduce a situation where the DLL may lock at one
temperature extreme and then approach an unlocked state as
the temperature changes (see Figure 132).
In the example shown in Figure 132, the DLL can lock at Phase
Setting 0 at 90° in a cold temperature. As the temperature gets
hotter, the delay line changes length, and the controller adjusts
the DLL control voltage to keep the 90° offset. In this case, a voltage
beyond the acceptable control voltage range is required to hold
the 90° phase offset.
Before losing lock, the DLL controller issues a DLL warning by
setting Register 0x0E, Bit 6, to 1b and setting either Bit 5 or Bit 4
to 1b. This setting indicates that the DLL is near to losing lock. If
the DLL is going to reach the beginning of the delay line soon,
the controller issues a start warning by setting Register 0x0E, Bit 5
and Bit 6 to 1b. This setting indicates that the DLL is at the start
of the delay line, and losing lock is imminent.
D0
D1
USER DCI
USER DATA
DATA
SAMPLE CLK
90°
DELAY LINE – COLD
DELAY LINE
– HOT
Figure 132. Example of DLL Length Variation Across Temperature
A similar situation can happen at the end of the delay line, in
which case a DLL warning and a DLL end is issued. DLL end is
indicated when Register 0x0E, Bit 4 and Bit 6 are set to 1b.
In case of a DLL warning, action must be taken to prevent loss
of lock. On a start warning, reduce the minimum delay of the
delay line by removing one or several of the delay cells. This
can be accomplished by setting the bits in Registers 0x70 and
Register 0x71 to 0b. Begin by setting Bit 0 of Register 0x70 to 0b,
then Bit 1, and so on. In some cases, up to three delay cells may
need to be disabled. It is possible to disable up to six delay cells.
However, in most cases, none of the cells need to be disabled.
The situation varies, depending on the temperature range needed,
as well as the DACCLK signal rate used. The end warning case
is a theoretical possibility, but practical conditions normally
dictate that it is not reachable. If the end warning is reached, the
DLL must be relocked immediately. When doing initial lock (or
relock) of the DLL, all delay cells must be active, with all delay cell
bits in Register 0x70 and Register 0x71 set to 1b.
Parity
The data interface can be continuously monitored by enabling
the parity bit feature in Register 0x5C, Bit 7, and configuring
the FRM_P, FRM_N pins (Pin K13 and Pin K14) as parity pins
by setting Register 0x07, Bits[1:0] = 1 dec. When this pin con-
figuration is used, the host sends a parity bit along with each data
sample. This bit is set according to the following formulas,
where n is the data sample that is being checked.
For even parity on the AD9129,
XOR[FRM(n), P0_D0(n), P0_D1(n), P0_D2(n), ..., P0_D13(n),
P1_D0(n), P1_D1(n), P1_D2(n), …, P1_D13(n)] = 0.
For odd parity on the AD9129,
XOR[FRM(n), P0_D0(n), P0_D1(n), P0_D2(n), ..., P0_D13(n),
P1_D0(n), P1_D1(n), P1_D2(n), …, P1_D13(n)] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com