Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 3 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 3 Page - Analog Devices

  AD9129BBC Datasheet HTML 1Page - Analog Devices AD9129BBC Datasheet HTML 2Page - Analog Devices AD9129BBC Datasheet HTML 3Page - Analog Devices AD9129BBC Datasheet HTML 4Page - Analog Devices AD9129BBC Datasheet HTML 5Page - Analog Devices AD9129BBC Datasheet HTML 6Page - Analog Devices AD9129BBC Datasheet HTML 7Page - Analog Devices AD9129BBC Datasheet HTML 8Page - Analog Devices AD9129BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 3 of 68
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C.
Table 1.
AD9119
AD9129
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
11
14
Bits
ACCURACY
Integral Nonlinearity (INL)
0.2
1.4
LSB
Differential Nonlinearity (DNL)
0.15
1.1
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
+2.5
+2.5
%
Full-Scale Output Current Maximum
33.4
34.2
34.9
33.4
34.2
34.9
mA
Full-Scale Output Current Minimum
9.1
9.4
9.6
9.1
9.4
9.6
mA
Output Compliance Range
1.5
2.5
1.5
2.5
V
Output Impedance1
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
0.4
1
2
0.4
1
2
V
Common-Mode Voltage
1.2
1.2
V
TEMPERATURE DRIFT
Gain
60
60
ppm/°C
Reference Voltage
20
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.0
1.0
V
Output Resistance
5
5
kΩ
ANALOG SUPPLY VOLTAGES
VDDA
1.70
1.80
1.90
1.70
1.80
1.90
V
VSSA
−1.4
−1.5
−1.6
−1.4
−1.5
−1.6
V
DIGITAL SUPPLY VOLTAGES
VDD
1.70
1.8
1.90
1.70
1.8
1.90
V
FIR40 Enabled, DACCLK > 2600 MSPS
1.8
1.9
2.0
1.8
1.9
2.0
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.3 GSPS
(NORMAL MODE)
IVDDA
202
209
202
209
mA
IVSSA
53
54
53
54
mA
IDVDD
307
327
307
327
mA
Power Dissipation
Normal Mode
1.0
1.05
1.0
1.05
W
FIR25 Enabled
1.17
1.24
1.17
1.24
W
FIR40 Enabled
1.3
1.4
1.3
1.4
W
Reduced Power Mode, Power-Down Enabled
(Register 0x01 = 0xEF)
IVDDA
7.6
7.6
mA
IVSSA
6
6
µA
IVDD
0.4
0.4
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.8 GSPS
(NORMAL MODE)
IVDDA
230
230
mA
IVSSA
53
53
mA
IDVDD
336
336
mA
Power Dissipation (Normal Mode)
1.1
1.1
W
1
For more information about output impedance, see the Output Stage Configuration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com