Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 44 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 40Page - Analog Devices AD9129BBC Datasheet HTML 41Page - Analog Devices AD9129BBC Datasheet HTML 42Page - Analog Devices AD9129BBC Datasheet HTML 43Page - Analog Devices AD9129BBC Datasheet HTML 44Page - Analog Devices AD9129BBC Datasheet HTML 45Page - Analog Devices AD9129BBC Datasheet HTML 46Page - Analog Devices AD9129BBC Datasheet HTML 47Page - Analog Devices AD9129BBC Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 44 of 68
Figure 136 shows an example of two AD9119/AD9129 devices
that are synchronized to the same host (that is, FPGA and ASIC).
Note that, when the same resources are used to generate these out-
put signals, synchronization to a single host IC ensures minimum
data and DCI time skew between devices.
Even after FIFO initialization, a phase ambiguity exists between
the read pointers of each device because the read counter of each
device powers up in an arbitrary state. Therefore, the exact instance
when the respective write pointer is set to 4, after the FRAME
signal is asserted, also remains ambiguous. It is possible for the
read pointer of one device to reach its 0 count several clock
cycles before another device (see Figure 134).
Synchronization within a data sample requires insight into the
difference between the read pointers of the master and slave
devices, as well as the ability to vary the delay of the slave device(s)
within the host to compensate for initial offsets between devices.
It is possible to calculate how many data samples the slave device(s)
is offset from the master device for the following reasons:
•
The pipeline delay of each device is the same after FIFO
initialization.
•
The read counter of each device is derived from the same
phase aligned DACCLK source.
•
The state of the read counters of each device is sampled at
the same instance in time via the FRAME signal.
•
The readback value (Register 0x12[6:4]) is normalized to
a data sample (that is, a DACCLK period).
By calculating the difference between the read pointer settings
of the master and slave devices, the user can advance or delay
the data stream of the slave device within the FPGA. Because
this difference can be up to ±4 data samples, the FPGA must
provide this adjustment range for DAC synchronization alone.
Note that additional range must be added to compensate for any
other system delay variation.
In addition to synchronizing to the data sample level, the AD9119/
AD9129 can enable synchronization to the DACCLK level (see
Figure 135). A 1.8 V CMOS output pin, SYNC, can be used to
provide a DACCLK/8 signal. Using the SYNC output from each
DAC, enabled by Register 0x1A, Bit 4 = 1, the user can create
a simple phase detector with an external XOR gate.
DAC 1
SYNC
DAC 2
SYNC
XOR
Figure 135. Example of Synchronization of Two DACs to
±1 DACCLK Accuracy
By adjusting the internal delay (incrementing or decrementing
by one DACCLK cycle with each write to Register 0x1A, Bit 7 or
Bit 6, respectively), the user can align the DACCLKs inside the two
DACs to within ±1 DACCLK cycle, when errors from the external
phase detector, low-pass filter, and delay differences are taken
into account. The existing phase position can be read from
Register 0x1A, Bits[2:0]. Align the SYNC outputs first, then reset
the FIFOs on each DAC to ensure that proper sync is achieved.
This calibration must be performed at each power-up because
the FIFOs can be reset to any of four levels based on the divide-
by-4 output of the clock distribution block (see Figure 133). For
example, a FIFO reset to Level 2 could have an actual FIFO level
of 1.5, 1.75, 2, or 2.25, based on the location of the div-by-4 clock
edge. Adjusting the SYNC signals to align with each other
eliminates this ambiguity.
When the two DACs are aligned, the drift over temperature and
supply voltage of the DACCLK signal of one DAC, relative to
another DAC, is expected to be no more than 450 ps.
The DCO signal is derived from the SYNC signal such that if
the SYNC signal is adjusted by a DACCLK cycle, the DCO
signal must also be adjusted by the same amount.
When all adjustments of the SYNC signal are complete, it is
recommended to disable the SYNC output by programming
Register 0x1A, Bit 4 = 0, to eliminate a possible source of clock
spurious signals.
AD9129
MASTER
DACCLK
MATCHED
DELAYS
DCI
ADCLK925
1.4GHz
TO
2.8GHz
COMMON
CLOCK
SOURCE
DCO_x
FPGA
DCI_x
FRM_x
AD9129
SLAVE
DACCLK
DCO_x
DCI_x
FRM_x
0+ dBm
0+ dBm
Figure 136. Example of Synchronization of Two DACs to One FPGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com