Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 17 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 13Page - Analog Devices AD9129BBC Datasheet HTML 14Page - Analog Devices AD9129BBC Datasheet HTML 15Page - Analog Devices AD9129BBC Datasheet HTML 16Page - Analog Devices AD9129BBC Datasheet HTML 17Page - Analog Devices AD9129BBC Datasheet HTML 18Page - Analog Devices AD9129BBC Datasheet HTML 19Page - Analog Devices AD9129BBC Datasheet HTML 20Page - Analog Devices AD9129BBC Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 17 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
1000
1500
2000
2500
3000
3500
4000
fOUT (MHz)
–25
–55
–60
–45
–50
–35
–40
–30
–65
–70
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 30. SFDR vs. fOUT over Digital Full Scale
1000
1500
2000
2500
3000
3500
4000
fOUT (MHz)
–45
–65
–70
–55
–60
–50
–75
–80
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 31. IMD vs. fOUT over Digital Full Scale
1000
1500
2000
3500
3500
2500
4000
fOUT (MHz)
–25
–55
–60
–45
–50
–35
–40
–30
–65
–70
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
11mA
22mA
33mA
Figure 32. SFDR vs. fOUT over DAC IOUTFS
1000
1500
2500
2000
3000
3500
4000
fOUT (MHz)
–45
–50
–55
–60
–65
–80
–75
–70
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
11mA
22mA
33mA
Figure 33. IMD vs. fOUT over DAC IOUTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com