Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 6 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 2Page - Analog Devices AD9129BBC Datasheet HTML 3Page - Analog Devices AD9129BBC Datasheet HTML 4Page - Analog Devices AD9129BBC Datasheet HTML 5Page - Analog Devices AD9129BBC Datasheet HTML 6Page - Analog Devices AD9129BBC Datasheet HTML 7Page - Analog Devices AD9129BBC Datasheet HTML 8Page - Analog Devices AD9129BBC Datasheet HTML 9Page - Analog Devices AD9129BBC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 6 of 68
AC SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 5.
AD9119
AD9129
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
DAC Update Rate (DACCLK_x Inputs)
Normal Mode, FIR25 Enabled, or FIR40 Enabled with VDD = 1.9 V
1400
2800
1400
2800
MSPS
FIR40 Filter Enabled, VDD = 1.8 V
1400
2600
1400
2600
MSPS
Adjusted DAC Update Rate1
1400
2800
1400
2800
MSPS
Output Settling Time to 0.1%
13
13
ns
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 2600 MSPS
fOUT = 100 MHz
−76
−76
dBc
fOUT = 350 MHz
−65
−65
dBc
fOUT = 550 MHz
−63
−64
dBc
fOUT = 950 MHz
−55
−55
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 2600 MSPS, fOUT2 = fOUT1 + 1.4 MHz
fOUT = 100 MHz
−82
−86
dBc
fOUT = 350 MHz
−78
−85
dBc
fOUT = 550 MHz
−73
−83
dBc
fOUT = 950 MHz
−67
−76
dBc
NOISE SPECTRAL DENSITY (NSD)
Single Tone, fDAC = 2800 MSPS
fOUT = 100 MHz
−157
−166
dBm/Hz
fOUT = 350MHz
−157
−162
dBm/Hz
fOUT = 550 MHz
−155
−158
dBm/Hz
fOUT = 850 MHz
−154
−157
dBm/Hz
DOCSIS ACLR PERFORMANCE (50 MHz to 1000 MHz) at ≥6 MHz OFFSET
fDAC = 2782 MSPS
8 Contiguous Carriers
64
64
dBc
16 Contiguous Carriers
62
63
dBc
32 Contiguous Carriers
60
61
dBc
W-CDMA ACLR (SINGLE CARRIER)
Adjacent Channel
fDAC = 2605.056 MSPS, fOUT = 750 MHz
75
75
dBc
fDAC= 2605.056 MSPS, fOUT = 950 MHz
74
74
dBc
fDAC = 2605.056 MSPS, fOUT = 1700 MHz (Mix-Mode)
73.5
73.5
dBc
fDAC = 2605.056 MSPS, fOUT = 2100 MHz (Mix-Mode)
69
69
dBc
Alternate Adjacent Channel
fDAC = 2605.056 MSPS, fOUT = 750 MHz
80
80
dBc
fDAC = 2605.056 MSPS, fOUT = 950 MHz
78
78
dBc
fDAC = 2605.056 MSPS, fOUT = 1700 MHz (Mix-Mode)
74
74
dBc
fDAC = 2605.056 MSPS, fOUT = 2100 MHz (Mix-Mode)
72
72
dBc
1
Adjusted DAC update rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9119/AD9129, the minimum interpolation factor is 1.
Thus, with fDAC = 2800 MSPS, fDAC adjusted = 2800 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com