Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 10 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 6Page - Analog Devices AD9129BBC Datasheet HTML 7Page - Analog Devices AD9129BBC Datasheet HTML 8Page - Analog Devices AD9129BBC Datasheet HTML 9Page - Analog Devices AD9129BBC Datasheet HTML 10Page - Analog Devices AD9129BBC Datasheet HTML 11Page - Analog Devices AD9129BBC Datasheet HTML 12Page - Analog Devices AD9129BBC Datasheet HTML 13Page - Analog Devices AD9129BBC Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 10 of 68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
VREF
VSSA
VDDA SH
IOUTP
IOUTN
VDDA SH
VDDA
VDDA
VDDA
VSSC
VSSC
VSSC
VDDA
I250U
VSSA
VSSA
VSSA
VDDA SH
VDDA
DACCLK_N
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
SCLK
DCI_P
DCI_N
FRM_P
FRM_N
P1_D3P
P1_D4P
P1_D5P
P1_D6P
P1_D7P
P1_D8P
P1_D9P
P1_D10P
P1_D11P
P1_D12P
P1_D13P
VSSA
VSSA
VSSC
VDDA
VDDA
VSSC
VDDA
VDDA
VDDA
VSSA
VDDA SH
VSS
VSSC
VDDA
VDDA
VSSC
VSS
VSS
VSS
VSS
VSSC
VDDA
VDDA
VSSC
VSSC
VSSC
VSSC
VSSC
VSSC
VSSC
DACCLK_P
VDDA
VDDA
VSSC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSSC
VSS
VSS
VSS
IRQ
RESET
VSS
VSS
VDD
VDD
SDO
SDIO
P1_D3N
P1_D4N
P1_D5N
P1_D6N
P1_D7N
P1_D8N
P1_D9N
P1_D10N
P1_D11N
P1_D12N
P1_D13N
P0_D3P
P0_D4P
P0_D5P
P0_D6P
P0_D7P
P0_D8P
P0_D9P
P0_D10P
P0_D11P
P0_D12P
P0_D13P
P0_D3N
P0_D4N
P0_D5N
P0_D6N
P0_D7N
P0_D8N
P0_D9N
P0_D10N
P0_D11N
P0_D12N
P0_D13N
VDDA
VDDA
VSSA
VDDA
VDDA
VDDA
VSSC
VSSC
VSSC
DCO_P
DCO_N
AD9129
SYNC
P1_D0P
P1_D1P
P1_D2P
P1_D0N
P1_D1N
P1_D2N
P0_D0P
P0_D1P
P0_D2P
P0_D0N
P0_D1N
P0_D2N
CS
Figure 3. AD9129 Pin Configuration
Table 9. AD9129 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
I250U
Nominal 1.0 V Reference. Tie this pin to VSSA via a 4.0 kΩ resistor to generate
a 250 µA reference current.
A2
VREF
Voltage Reference Input/Output. Decouple to VSSA with a 1 nF capacitor.
A3, A4, B3, B4, B5, C4, C5, C6
VSSA
−1.5 V Analog Supply Voltage Input.
A5, A8, B6, B7
VDDA SH
+1.8 V Analog Supply Shield. Tie these pins to VDDA at the DAC.
A9, A10, A11, B1, B2, B8, B9, B10,
B11, C2, C3, C7, C8, C9, C10, D2,
D3, D4, D7, E1, E2
VDDA
+1.8 V Analog Supply Voltage Input.
G12, G13, G14, H11, H12, H13,
H14, J3, J4, J11, J12, J13, J14
VDD
+1.8 V Digital Supply Voltage Input.
C13, C14, D12, D13, D14, E11,
E12, E13, E14, F11, F12, F13, F14,
G1, G2, G3, G11, H3, H4
VSS
+1.8 V Digital Supply Return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com