Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBC Datasheet(PDF) 22 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 18Page - Analog Devices AD9129BBC Datasheet HTML 19Page - Analog Devices AD9129BBC Datasheet HTML 20Page - Analog Devices AD9129BBC Datasheet HTML 21Page - Analog Devices AD9129BBC Datasheet HTML 22Page - Analog Devices AD9129BBC Datasheet HTML 23Page - Analog Devices AD9129BBC Datasheet HTML 24Page - Analog Devices AD9129BBC Datasheet HTML 25Page - Analog Devices AD9129BBC Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 22 of 68
AD9129
Static Linearity
IOUTFS = 28 mA, nominal supplies, TA = 25°C, unless otherwise noted.
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
2000
4000
6000
8000
CODE
10000
12000
14000
16000
Figure 56. Typical INL, 11 mA at 25°C
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
2000
4000
6000
8000
CODE
10000
12000
14000
16000
Figure 57. Typical INL, 22 mA at 25°C
0
2000
4000
6000
8000
CODE
10000
12000
14000
16000
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 58. Typical INL, 33 mA at 25°C
CODE
0
2000
4000
6000
8000
10000
12000
14000
16000
–1.5
–1.0
–0.5
0
0.5
1.0
Figure 59. Typical DNL, 11 mA at 25°C
CODE
0
2000
4000
6000
8000
10000
12000
14000
16000
–1.5
–1.0
–0.5
0
0.5
1.0
Figure 60. Typical DNL, 22 mA at 25°C
CODE
0
2000
4000
6000
8000
10000
12000
14000
16000
–1.5
–1.0
–0.5
0
0.5
1.0
Figure 61. Typical DNL, 33 mA at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com