Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 8 of 24
–2.0
–1.5
–1.0
–0.5
0
0.5
100p
1n
10n
100n
1µ
10µ
100µ
INPUT (A)
1m
10m
1.0
1.5
2.0
TA = 25°C
MEAN + 3σ
MEAN –
3σ
Figure 15. Logarithmic Conformance Error Distribution (3 σ to Either
Side of Mean)
–5
–4
–3
–2
0
1
100p
1n
10n
100n
1µ
10µ
100µ
INPUT (A)
1m
10m
2
3
5
–1
4
MEAN –
3σ @ 70°C
MEAN + 3σ @ 70°C
TA = 0°C, 70°C
MEAN ± 3σ @ 0°C
Figure 16. Logarithmic Conformance Error Distribution (3 σ to Either
Side of Mean)
–5
–4
–3
–2
0
1
100p
1n
10n
100n
1µ
10µ
100µ
INPUT (A)
1m
10m
2
3
5
–1
4
TA = –40°C, +85°C
MEAN + 3σ @ –40°C
MEAN –
3σ @ –40°C
MEAN ± 3σ @ +85°C
Figure 17. Logarithmic Conformance Error Distribution (3 σ to Either
Side of Mean)
–30
–25
–20
–15
0
5
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
90
10
–10
–5
15
20
MEAN + 3σ
MEAN –
3σ
Figure 18. VREF Drift vs. Temperature (3 σ to Either Side of Mean)
–5
–4
–3
–2
1
2
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
90
–1
0
3
MEAN + 3σ
MEAN –
3σ
Figure 19. Slope Drift vs. Temperature (3 σ to Either Side of Mean)
–50
–40
–30
–20
10
20
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
90
–10
0
40
30
MEAN + 3σ
MEAN –
3σ
Figure 20. Intercept Drift vs. Temperature (3 σ to Either Side of Mean)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com