Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 20 of 24
Figure 32. Component Side Layout
Figure 33. Component Side Silkscreen
Table 7. Evaluation Board Configuration Options
Component
Function
Default Condition
VPOS, AGND
Positive supply and ground pins.
S1
Device enable. When S1 is in the 0 position, the PWDN pin is connected to
ground and the ADL5303 is in its normal operating mode.
S1 = installed
S2
Guard/shield options. The shells of the SMA connectors used for the input and
the photodiode bias can be set to the voltage on the VSUM pin or connected
to ground. When S2 is in the 0 position, the SMA shell is connected to VSUM.
S2 = installed
R13 (RC), R14 (RZ)
Intercept adjustment. A dc offset can be applied to the input terminals of the
buffer amplifier to adjust the effective logarithmic intercept.
R13 = open (Size 0603)
R14 = open (Size 0603)
R5, R6, R7, R8, R9
Bias adjustment. The voltage on the VSUM and INPT pins can be altered using
appropriate resistor values.
R5, R6, R7 = open (Size 0603)
R8, R9 = open (Size 0603)
R15 (RA), R18 (RB)
Slope adjustment.
R15 = 15 kΩ (Size 0603)
R18 = 10 kΩ (Size 0603)
C3
VSUM decoupling capacitor.
C3 = 0.1 μF (Size 0603)
C6
Supply decoupling capacitor.
C6 = 0.1 μF (Size 0603)
R25 (CPB )
Photodiode biaser decoupling. Provides high frequency decoupling.
R25 = open (Size 0603)
C5, C7 (CFILT or RS), C8,
R11, R16, R17, R19,
R20
Output filtering. Allows implementation of a variety of filter configurations,
from simple RC low-pass filters to three-pole Sallen and Key filters.
R11, R19, C5 = Open (Size 0603)
R16, R17, R20 = 0 Ω (Size 0603)
C7, C8 = 0.1 μF (Size 0603)
R1, C1
Input filtering. Provides essential HF compensation at the input pin, INPT.
R1 = 750 Ω (Size 0402)
C1 = 1 nF (Size 0603)
R2, R3, R4, R23, R24,
R21, R22, R12, R26
Isolation jumpers.
All = 0 Ω (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com