Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5303ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
160 dB Range 100 pA to 10 mA
Low Cost Logarithmic Converter
Data Sheet
ADL5303
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Optimized for fiber optic photodiode interfacing
8 full decades of range
Law conformance: 0.1 dB from 1 nA to 1 mA
Single-supply operation: 3.0 V to 5.5 V
Complete and temperature stable
Accurate laser trimmed scaling
Logarithmic slope of 10 mV/dB (at the VLOG pin)
Basic logarithmic intercept at 100 pA
Easy adjustment of slope and intercept
Output bandwidth of 10 MHz, 15 V/μs slew rate
Miniature 16-lead package (LFCSP)
Low power: ~4.5 mA quiescent current (enabled)
APPLICATIONS
High accuracy optical power measurement
Wide range baseband log compression
Versatile detector for APC loops
SIMPLIFIED BLOCK DIAGRAM
PDB
BIAS
VREF
IPD
VPDB
VSUM
INPT
VSUM
GND
GND
VPS2
PWDN
VPS1
VREF
VLOG
BFIN
BFNG
VOUT
0.5V
ADL5303
~10kΩ
5kΩ
5
2
3
4
15
14
ACOM
7
11
10
16
12
6
8
9
13
TEMPERATURE
COMPENSATION
Figure 1.
GENERAL DESCRIPTION
The ADL5303 is a monolithic logarithmic detector optimized
for the measurement of low frequency signal power in fiber
optic systems and offers a large dynamic range in a versatile and
easily used form. Wide measurement range and accuracy are
achieved using proprietary design and precise laser trimming.
The ADL5303 requires only a single positive supply, VPS, of 5 V.
When using low supply voltages, the log slope can be altered to
fit the available span. Low quiescent current and chip disable
facilitate use in battery-operated applications.
The input current, IPD, flows in the collector of an optimally
scaled NPN transistor, connected in a feedback path around a
low offset JFET amplifier. The current summing input node
operates at a constant voltage, independent of current, with
a default value of 0.5 V; this may be adjusted over a wide range.
An adaptive biasing scheme is provided for reducing photo-
diode dark current at very low light input levels. The VPDB pin
applies approximately 0.1 V reverse bias across the photodiode
for IPD = 100 pA, rising linearly to 2.0 V of reverse bias at IPD =
10 mA to improve response time at higher power levels. The
input pin INPT is flanked by the VSUM guard pins that track
the voltage at the summing node. Connecting the exposed pad
of the device to the VSUM pins provides a continuous guard to
minimize leakage into the INPT pin.
The default value of the logarithmic slope at the VLOG output
is set by an internal 5 kΩ resistor. Logarithmic slope can be
lowered with an external shunt resistor or increased using the
buffer and a pair of external feedback resistors. The addition of
a capacitor at the VLOG pin provides a simple low-pass filter.
The intermediate voltage, VLOG, is buffered in an output stage
that can swing to within about 100 mV of ground and the posi-
tive supply, VPS, and provides a peak current drive capacity of
±20 mA. An on-board 2 V reference is provided to facilitate
the repositioning of the intercept. The incremental bandwidth
of a translinear logarithmic amplifier inherently diminishes
for small input currents. At IPD =1 nA, the bandwidth of the
ADL5303 is approximately 2 kHz increasing in proportion to
IPD up to a maximum value of 10 MHz.


Similar Part No. - ADL5303ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5304 AD-ADL5304 Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
ADL5304 AD-ADL5304 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304-EVALZ AD-ADL5304-EVALZ Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
ADL5304-EVALZ AD-ADL5304-EVALZ Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304ACPZ-R2 AD-ADL5304ACPZ-R2 Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
More results

Similar Description - ADL5303ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com