Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 11 of 24
For an input of 1 nA, SNSD evaluates to almost 0.5 μV/√Hz;
assuming a 20 kHz bandwidth at this current, the integrated
noise voltage is 70 μV rms. However, this calculation is not
complete. The basic scaling of the VBE is approximately
3 mV/dB; translated to 10 mV/dB, the noise predicted by
Equation 7 must be multiplied by approximately 3.33. The
additive noise effects associated with the reference transistor,
Q2, and the temperature compensation circuitry must also be
included. The final voltage noise spectral density presented at
the VLOG pin varies inversely with IPD, but is not a simple
square root relationship. Figure 10 shows the measured noise
spectral density vs. frequency at the VLOG output, for the same
nine-decade spaced values of IPD.
CHIP ENABLE
Power down the ADL5303 by taking the PWDN pin to a high
logic level. The residual supply current in the disabled mode is
typically 60 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com