Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 10 of 24
THEORY OF OPERATION
BASIC CONCEPTS
The ADL5303 uses an advanced circuit implementation that
exploits the logarithmic relationship between the base-to-
emitter voltage, VBE, and collector current, IC, in a bipolar
transistor.
Using these principles, the relationship between the input current,
IPD, applied to the INPT pin, and the voltage appearing at the
intermediate output VLOG pin is:
VLOG = VY log10(IPD/IZ)
(1)
where:
VY is the voltage slope (in the case of base-10 logarithms, it is
also referred to as volts per decade).
IZ is the fixed current in the logarithmic equation called the
intercept.
In the following example, the scaling is chosen so that VY is
trimmed to 200 mV/decade (10 mV/dB). The intercept is
positioned at 100 pA; the output voltage, VLOG, crosses zero
when IPD is of this value. However, the actual VLOG must always
be slightly above ground. Using Equation 2, calculate the output
for any value of IPD. Thus, for an input current of 25 nA,
VLOG = 0.2 V log10(25 nA/100 pA) = 0.4796 V
(2)
In practice, both the slope and intercept can be altered, to
either higher or lower values, without any significant loss of
calibration accuracy, by using one or two external resistors,
often in conjunction with the trimmed 2 V voltage reference
at the VREF pin.
OPTICAL MEASUREMENTS
When interpreting the IPD current in terms of optical power
incident on a photodetector, it is necessary to be clear about
the conversion (optical power to current) properties of a reverse
biased photodiode. The units of this conversion are expressed
in amps per watt and referred to as photodiode responsivity, ρ.
For the typical InGaAs PIN photodiode, the responsivity is
approximately 0.9 A/W.
It is important to note that in purely electrical circuits, current
and power are not related in this proportional manner. A
current applied to a resistive load results in a power propor-
tional to the square of the current, P = I2R. The difference in
scaling for a photodiode is because IPD flow in a reverse-biased
diode is largely dependent on the fixed built-in voltage of the
PN junction and is relatively insensitive to the external bias
voltage. In the detector diode, power dissipated is proportional
to the IPD current and the relationship of IPD to the optical
power, POPT, is preserved.
IPD = ρPOPT
(3)
The same relationship exists between the intercept current, IZ,
and an equivalent intercept power, PZ, thus,
IPZ = ρPZ
(4)
Therefore, Equation 1 can be written as
VLOG = VY log10(POPT/PZ)
(5)
For the ADL5303 operating in its default configuration, an IZ
of 100 pA corresponds to a PZ of 110 pW, for a diode having
a responsivity of 0.9 A/W. Thus, an optical power of 3 mW
generates
VLOG = 0.2 V log10(3 mW/110 pW) = 1487 V
(6)
Note that when using the ADL5303 in optical applications the
VLOG output is referred to in terms of the equivalent optical
power, the logarithmic slope remains 10 mV/dB at this output.
This can be confusing because a decibel change on the optical
side has a different meaning than on the electrical side. In either
case, the logarithmic slope can always be expressed in units of
millivolts per decade to help eliminate confusion.
DECIBEL SCALING
When power levels are expressed as decibels above a reference
level (in dBm, for a reference of 1 mW), the logarithmic conver-
sion has already been performed, and the log ratio in the previous
expressions becomes a simple difference. Be careful in assigning
variable names here, because P is often used to denote actual
power as well as this same power expressed in decibels; how-
ever, these are numerically different quantities.
BANDWIDTH AND NOISE CONSIDERATIONS
Response time and wideband noise of translinear log amps
are a function of the signal current, IPD. Bandwidth becomes
progressively lower as IPD is reduced, largely due to the effects
of junction capacitances in the translinear device.
Figure 9 shows ac response curves for the ADL5303 at eight
representative currents of 1 nA to 10 mA, using R1 = 750 Ω
and C1 = 1000 pF. The values for R1 and C1 ensure stability
over the full 160 dB dynamic range. More optimal values may
be used for smaller subranges. A certain amount of experi-
mental trial and error may be necessary to select the optimum
input network component values for a given application.
The relationship between IPD and the voltage noise spectral
density, SNSD, associated with the VBE of Q1, calculates to the
following:
PD
NSD
I
S
7
.
14
=
(7)
where:
SNSD is nV/Hz.
IPD is expressed in microamps.
TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com