Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 15 of 24
LOW SUPPLY SLOPE AND INTERCEPT
ADJUSTMENT
When using the device with a supply of less than 4 V, it is
necessary to reduce the slope and intercept at the VLOG pin
to preserve good log conformance over the entire 160 dB oper-
ating range. The voltage at the VLOG pin is generated by an
internal current source with an output current of 40 μA/decade
feeding the internal laser trimmed output resistance of 5 kΩ.
When the voltage at the VLOG pin exceeds VP − 2.3 V, the
current source ceases to respond linearly to logarithmic
increases in current. Avoid headroom issues by reducing
the logarithmic slope and intercept at the VLOG pin and by
connecting an external resistor, RS, from the VLOG pin to
ground in combination with an intercept lowering resistor, RZ.
The values shown in Figure 28 illustrate a good solution for a
3.0 V positive supply. The resulting logarithmic slope measured
at VLOG is 62.5 mV/decade with a new intercept of 57 fA. The
original logarithmic slope of 200 mV/decade can be recovered
using voltage gain on the internal buffer amplifier.
CHANGING THE VOLTAGE AT THE SUMMING NODE
The default value of VSUM is determined by using a quarter
of VREF (2 V). This can be altered by applying an independent
voltage source to VSUM, or by adding an external resistive
divider from VREF to VSUM. This network operates in parallel
with the internal divider (40 kΩ and 13.3 kΩ), and the choice
of external resistors should take this into account. In practice,
the total resistance of the added string may be as low as 10 kΩ
(consuming 400 μA from VREF). Low values of VSUM and
thus VCE are not advised when large values of IPD are expected.
NC
VOUT
500mV/DEC
R18 (RB)
C7 (RS)
2.67k
Ω
R14 (RZ)
15.4kΩ
R15 (RA)
4.98k
Ω
2.26k
Ω
NC = NO CONNECT
VP
100nF
R1
750
Ω
C1
1nF
IPD
C3
PDB
BIAS
VREF
VPDB
VSUM
INPT
VSUM
ACOM
VPS2
PWDN
VPS1
VREF
VLOG
BFIN
BFNG
VOUT
0.5V
ADL5303
~10k
Ω
5kΩ
5
2
3
4
15
14
GND
GND
7
11
10
16
12
6
8
9
13
TEMPERATURE
COMPENSATION
Figure 28. Recommended Low Supply Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com