Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5303ACPZ-R7
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5303ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5303ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 17 of 24
APPLICATIONS INFORMATION
Smaller input voltages can be measured accurately when
aided by a small offset nulling voltage applied to VSUM.
The minimum voltage that can be accurately measured is
limited only by the drift in the input offset of the ADL5303.
The specifications show the maximum spread over the full
temperature and supply range. Over a limited temperature
range and with a regulated supply, the offset drift is lower;
in this situation, processing of inputs down to 5 mV is
practicable.
RESCALING
The use of a much larger value for the intercept may be useful
in certain situations. In this example, it has been moved up four
decades, from the default value of 100 pA to the center of the
full eight-decade range at 1 mA. Using a voltage input as previ-
ously described, this corresponds to an altered voltage mode
intercept, VZ, which is 1 V for RIN = 1 MΩ. To take full advantage
of the larger output swing, the gain of the buffer has been
increased to 4.53, resulting in a scaling of 900 mV/decade
zand a full-scale output of ±3.6 V.
INVERTING THE SLOPE
The buffer is essentially an uncommitted op amp that can be
used to support the operation of the ADL5303 in a variety of
ways. It can be completely disconnected from the signal chain
when not needed. Figure 30 shows its use as an inverting ampli-
fier; this changes the polarity of the slope. The output can be
repositioned to a positive value by applying a fraction of VREF
to the BFIN pin. The full design for a practical application is
left undefined in this brief illustration, but a few cases are
discussed, as follows.
For example, if slope of −30 mV/dB is needed; a gain of 3 is
required. Because VLOG exhibits a source resistance of 5 kΩ,
RA must be 15 kΩ. A positive offset, VOS, is applied to the BFIN
pin, as indicated in Figure 30. The resulting output voltage can
be expressed as
OS
Z
PD
Y
A
OUT
V
I
I
V
R
V
+


×
−
=
10
log
kΩ
5
(11)
When the gain is set to 13 (RA = 5 kΩ), the 2 V VREF can be tied
directly to BFIN, in which case the starting point for the output
response is at 4 V. However, because the slope in this case is
only −0.2 V/decade, the full current range takes the output
down by only 1.6 V. Clearly, a higher slope (or gain) is desirable;
in which case, set VOS to a smaller voltage to avoid railing the
output at low currents. If VOS = 1.2 V and G = 33, VOUT now
starts at 4.8 V and falls through this same voltage toward ground
with a slope of −0.6 V per decade, spanning the full range of IPD.
NC
VOUT
R15 (RA)
VOS
NC
NC = NO CONNECT
VP
100nF
R1
750
Ω
C1
1nF
IPD
C3
PDB
BIAS
VREF
VPDB
VSUM
INPT
VSUM
ACOM
VPS2
PWDN
VPS1
VREF
VLOG
BFIN
BFNG
VOUT
0.5V
ADL5303
~10k
Ω
5k
Ω
5
2
3
4
15
14
GND
GND
7
11
10
16
12
6
8
9
13
TEMPERATURE
COMPENSATION
Figure 30. Using the Buffer to Invert the Polarity of the Slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com