Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 20Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 21Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 22Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 23Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 24Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 25Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 26Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 27Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 26 of 28
PROGRAMMABLE LOW-PASS FILTER
In analog-to-digital conversion applications, it is common to
include an antialiasing filter to band-limit the sampling signal.
Dual-channel digital potentiometers can be used to construct a
second-order Sallen-Key low-pass filter (see Figure 65). The design
equations are
2
2
2
O
O
O
I
O
S
Q
S
V
V
ω
ω
ω
+
+
=
(10)
C2
C1
R2
R1
O
×
×
×
=
1
ω
(11)
C2
R2
C1
R1
Q
×
+
×
=
1
1
(12)
Users can first select some convenient values for the capacitors.
To achieve maximally flat bandwidth where Q = 0.707, let C1 be
twice the size of C2, and let R1 = R2. As a result, the user can adjust
R1 and R2 to the same settings to achieve the desired bandwidth.
VI
U1
VO
R1
A
R
W
B
R2
A
R
W
B
C2
C
C1
C
+2.5V
V+
V–
–2.5V
AD8601
ADJUSTED TO
SAME SETTING
Figure 65. Sallen-Key Low-Pass Filter
PROGRAMMABLE OSCILLATOR
In a classic Wien bridge oscillator (Figure 66), the Wien network
(R, R′, C, C′) provides positive feedback, while R1 and R2 provide
negative feedback. At the resonant frequency, fO, the overall phase
shift is zero, and the positive feedback causes the circuit to oscillate.
With R = R′, C = C′, and R2 = R2A||(R2B + RDIODE), the oscillation
frequency is
RC
O
1
=
ω
, or
RC
fO
π
2
1
=
(13)
where R is equal to RWA, such that
AB
R
D
R
256
256 −
=
(14)
At resonance, setting
2
=
R1
R2
(15)
balances the bridge. In practice, R2/R1 should be set slightly
greater than 2 to ensure that the oscillation can start. On the
other hand, the alternating turn-on of the diodes D1 and D2
ensures that R2/R1 is momentarily less than 2, thereby
stabilizing the oscillation.
Once the frequency is set, the oscillation amplitude can be
tuned by R2B because
D
D
O
V
R2B
I
V
+
×
=
3
2
(16)
VO, ID, and VD are interdependent variables. With proper selection
of R2B, an equilibrium is reached such that VO converges. R2B
can be in series with a discrete resistor to increase the amplitude,
but the total resistance should not be so large that it saturates
the output.
FREQUENCY
ADJUSTMENT
2.2nF
C
2.2nF
R’
10kΩ
R
10kΩ
B
A
A
W
V+
V–
B
B
W
W
D1
D2
VO
U1
VP
A
VN
–2.5V
+2.5V
R1
1kΩ
R2B
10kΩ
R2A
2.1kΩ
R1 = R1’ = R2B = AD5263
D1 = D2 = 1N4148
AMPLITUDE
ADJUSTMENT
OP1177
Figure 66. Programmable Oscillator with Amplitude Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com