Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 3Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 4Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 5Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 6Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 7Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 9Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 7 of 28
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
B1
1
A1
2
W1
3
B3
4
A3
5
B2
A2
W2
B4
A4
24
23
22
21
20
6
7
8
9
10
19
18
17
16
15
11
12
14
13
W3
VDD
GND
DIS
VLOGIC
W4
VSS
NC/O2
SDO/O1
SHDN
SDI/SDA
CLK/SCL
RES/AD1
CS/AD0
AD5263
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin
Name
Description
1
B1
Resistor Terminal B1.
2
A1
Resistor Terminal A1 (ADDR = 00).
3
W1
Wiper Terminal W1.
4
B3
Resistor Terminal B3.
5
A3
Resistor Terminal A3.
6
W3
Wiper Terminal W3 (ADDR = 10).
7
VDD
Positive Power Supply, specified for +5 V to +15 V operation.
8
GND
Ground.
9
DIS
Digital Interface Select (SPI/I2C Select). SPI when DIS = 0, I2C when DIS = 1
10
V
LOGIC
2.7 V to 5.5 V Logic Supply Voltage. The logic supply voltage should always be less than or equal to V
DD. In addition, logic
levels must be limited to the logic supply voltage regardless of V
DD.
11
SDI/SDA
SDI = 3-Wire Serial Data Input. SDA = 2-Wire Serial Data Input/Output.
12
CLK/SCL
Serial Clock Input.
13
CS/AD0
Chip Select in SPI Mode. Device Address Bit 0 in I2C Mode.
14
RES/AD1
RESET in SPI Mode. Device Address Bit 1 in I2C Mode.
15
SHDN
Shutdown. Shorts wiper to Terminal B, opens Terminal A. Tie to +5 V supply if not used. Do not tie to V
DD if VDD > 5 V.
16
SDO/O1
Serial Data Output in SPI Mode. Open-drain transistor requires pull-up resistor.
Digital Output O1 in I2C Mode. Can be used to drive external logic.
17
NC/O2
No Connection in SPI Mode. Digital Output O2 in I2C Mode. Can be used to drive external logic.
18
VSS
Negative Power Supply. Specified for operation from 0 V to –5 V.
19
W4
Wiper Terminal W4 (ADDR = 11).
20
A4
Resistor Terminal A4.
21
B4
Resistor Terminal B4.
22
W2
Wiper Terminal W2 (ADDR = 01).
23
A2
Resistor Terminal A2.
24
B2
Resistor Terminal B2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com