Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 12Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 13Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 14Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 15Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 16Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 17Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 18Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 15 of 28
SPI-COMPATIBLE DIGITAL INTERFACE (DIS = 0)
SERIAL DATA-WORD FORMAT
MSB
LSB
Addr
Data
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
29
27
20
SDI
CLK
CS
VOUT
1
0
1
0
1
0
1
0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
RDAC REGISTER LOAD
Figure 40. AD5263 Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT)
tS
SDI
CLK
CS
VOUT
1
0
1
0
1
0
VDD
0
(DATA IN)
Dx
Dx
tCSHO
tC-SW
±LSB
tCSS
tCL
tCSH1
tCS1
tCH
tDS
tCH
Figure 41. Detailed SPI Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com