Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 4Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 5Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 6Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 7Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 9Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
RAB = 20 kΩ, unless otherwise noted.
CODE (Decimal)
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
±5V
+15/0V
Figure 3. R-DNL vs. Code vs. Supply Voltage
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
±5V
+15/0V
CODE (Decimal)
Figure 4. R-INL vs. Code vs. Supply Voltage
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
–40°C
+25°C
+85°C
+125°C
CODE (Decimal)
Figure 5. R-DNL vs. Code; VDD = ±5 V
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
CODE (Decimal)
–40°C
+25°C
+85°C
+125°C
Figure 6. R-INL vs. Code; VDD = ±5 V
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
CODE (Decimal)
±5V
+15/0V
Figure 7. INL vs. Code vs. Supply Voltage
–1.0
32
0
–0.8
–0.4
–0.2
64
96
128
0
0.4
0.2
–0.6
160
192
224
256
0.8
0.6
1.0
–40°C
+25°C
+85°C
+125°C
CODE (Decimal)
Figure 8. INL vs. Code vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com