Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5263BRUZ200-R7 Datasheet HTML 1Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 2Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 3Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 4Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 5Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 6Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 7Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 5 of 28
TIMING CHARACTERISTICS—20 kΩ, 50 kΩ, 200 kΩ VERSIONS
VDD = +5 V, VSS = –5 V, VL = +5 V, VA = +VDD, VB = 0 V, –40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS
Specifications apply to all parts2, 3
Clock Frequency
f
CLK
25
MHz
Input Clock Pulse Width
t
CH, tCL
Clock level high or low
20
ns
Data Setup Time
t
DS
10
ns
Data Hold Time
t
DH
10
ns
CS Setup Time
t
CSS
15
ns
CS High Pulse Width
t
CSW
20
ns
CLK Fall to CS Fall Hold Time
t
CSH0
0
ns
CLK Fall to CS Rise Hold Time
t
CSH1
0
ns
CS Rise to Clock Rise Setup
t
CS1
10
ns
Reset Pulse Width
t
RS
5
ns
I2C INTERFACE TIMING CHARACTERISTICS
Specifications apply to all parts2, 3
SCL Clock Frequency
f
SCL
400
kHz
t
BUF Bus Free Time Between Stop and Start
t
1
1.3
µs
t
HD;STA Hold Time (Repeated Start)
t
2
After this period, the first clock
pulse is generated.
0.6
µs
t
LOW Low Period of SCL Clock
t
3
1.3
µs
t
HIGH High Period of SCL Clock
t
4
0.6
50
µs
t
SU;STA Setup Time for Start Condition
t
5
0.6
µs
t
HD;DAT Data Hold Time
t
6
0.9
µs
t
SU;DAT Data Setup Time
t
7
100
ns
t
F Fall Time of Both SDA and SCL Signals
t
8
300
ns
t
R Rise Time of Both SDA and SCL Signals
t
9
300
ns
t
SU;STO Setup Time for Stop Condition
t
10
0.6
µs
1 Typicals represent average readings at +25°C and V
DD = +5 V, VSS = −5 V
2 Guaranteed by design and not subject to production test.
3 See timing diagrams for location of measured values. All input control voltages are specified with t
R = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level
of 1.5 V. Switching characteristics are measured using VL = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com