Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 9Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 12Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 13Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 14Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 15Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 16Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 13 of 28
TEST CIRCUITS
Figure 29 to Figure 39 define the test conditions used in the Electrical Characteristics—20 KΩ, 50 KΩ, 200 KΩ Versions section and the
Timing Characteristics—20 KΩ, 50 KΩ, 200 KΩ Versions.
VMS
A
W
B
DUT
V+
V+ = VDD
1LSB = V+/2N
Figure 29. Test Circuit for Potentiometer Divider Nonlinearity Error (INL, DNL)
NO CONNECT
IW
VMS
A
W
B
DUT
Figure 30. Test Circuit for Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS1
VMS2
VW
A
W
B
DUT
RW = [VMS1 – VMS2]/IW
IW = VDD/RNOMINAL
Figure 31. Test Circuit for Wiper Resistance
ΔV
MS%
DD%
PSS (%/%) =
V+ = VDD 10%
PSRR (dB) = 20 log
MS
DD
VDD
VA
VMS
A
W
B
V+
ΔV
ΔV
ΔV
Figure 32. Test Circuit for Power Supply Sensitivity (PSS, PSRR)
OP279
W
5V
B
VOUT
OFFSET
GND
OFFSET
BIAS
DUT
VIN
A
Figure 33. Test Circuit for Inverting Gain
B
A
VIN
OP279
W
5V
VOUT
OFFSET
GND
OFFSET
BIAS
DUT
Figure 34. Test Circuit for Noninverting Gain
+15V
–15V
W
A
2.5V
B
VOUT
OFFSET
GND
DUT
AD8610
VIN
Figure 35. Test Circuit for Gain vs. Frequency
W
B
VSS TO VDD
DUT
ISW
CODE = 0x00
RSW =
0.1V
ISW
0.1V
Figure 36. Test Circuit for Incremental On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com