Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263BRUZ200-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5263BRUZ200-R7
Description  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5263BRUZ200-R7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 9Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 12Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 13Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 14Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 15Page - Analog Devices AD5263BRUZ200-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 12 of 28
5
–0.5
0.5
10
15
20
0
1.0
0
–1.0
RAB = 20kΩ
TA = 25°C
A
vg – 3σ
Avg
A
vg – 3σ
|VDD – VSS| (–V)
Figure 27. INL vs. Supply Voltage
5
–1.0
–0.5
–1.5
1.0
1.5
0.5
10
15
20
0
2.0
0
–2.0
RAB = 20kΩ
TA = 25°C
|VDD – VSS| (V)
A
vg – 3σ
Avg
A
vg – 3σ
Figure 28. R-INL vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com