Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD5262EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5260/AD5262
Rev. A | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—20 kΩ, 50 kΩ, 200 kΩ VERSIONS
VDD = +15 V, VSS = 0 V, or VDD = +5 V, VSS = –5 V; VL = +5 V; VA = +5 V, VB = 0 V, −40°C < TA < +85°C, unless otherwise noted.
The AD5260/AD5262 contain 1968 transistors. Die size: 89 mil × 105 mil (9345 sq mil).
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
Specifications apply to all VRs
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±¼
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = no connect
−1
±½
+1
LSB
Nominal Resistor Tolerance3
ΔRAB
TA = 25°C
−30
30
%
Resistance Temperature Coefficient
ΔRAB/ΔT
Wiper = no connect
35
ppm/°C
Wiper Resistance
RW
IW = 1 V/RAB
60
150
Ω
Channel Resistance Matching (AD5262 only)
ΔRWB/RWB
Channel 1 and Channel 2 RWB,
DX = 0x80
0.1
%
Resistance Drift
ΔRAB
0.05
%
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE
Specifications apply to all VRs
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
−1
±1/4
+1
LSB
Integral Nonlinearity4
INL
−1
±1/2
+1
LSB
Voltage Divider Temperature Coefficient
ΔVW/ΔT
Code = half scale
5
ppm/°C
Full-Scale Error
WFSE
Code = full scale
−2
−1
+0
LSB
Zero-Scale Error
VWZSE
Code = zero scale
0
1
2
LSB
RESISTOR TERMINALS
Voltage Range5
VA, B, W
VSS
VDD
V
Ax and Bx Capacitance6
CA,B
f = 5 MHz, measured to GND,
code = half scale
25
pF
Wx Capacitance6
CW
f = 1 MHz, measured to GND,
code = half scale
55
pF
Common-Mode Leakage Current
ICM
VA = VB = VDD/2
1
nA
Shutdown Current7
ISHDN
5
μA
DIGITAL INPUTS and OUTPUTS
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Logic High
VIH
VL = 3 V, VSS = 0 V
2.1
V
Input Logic Low
VIL
VL = 3 V, VSS = 0 V
0.6
V
Output Logic High (SDO)
VOH
RPULL-UP = 2 kΩ to 5 V
4.9
V
Output Logic Low (SDO)
VOL
IOL = 1.6 mA, VLOGIC = 5 V
0.4
V
Input Current8
IIL
VIN = 0 V or 5 V
±1
μA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Logic Supply
VL
2.7
5.5
V
Power Single-Supply Range
VDD RANGE
VSS = 0 V
4.5
16.5
V
Power Dual-Supply Range
VDD/SS RANGE
±4.5
±5.5
V
Logic Supply Current
IL
VL = 5 V
60
μA
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V
1
μA
Negative Supply Current
ISS
VSS= −5 V
1
μA
Power Dissipation9
PDISS
VIH = 5 V or VIL = 0 V,
VDD = +5 V, VSS = –5 V
0.3
mW
Power Supply Sensitivity
PSS
ΔVDD= +5 V, ±10%
0.003
0.01
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com