Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD5262EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5260/AD5262
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—20 kΩ, 50 kΩ, 200 kΩ Versions .. 3
 
Timing Diagrams.......................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 9
 
Test Circuits..................................................................................... 14
 
Theory of Operation ...................................................................... 15
 
Digital Interfacing ...................................................................... 15
 
Daisy-Chain Operation ............................................................. 16
 
RDAC Structure.......................................................................... 16
 
Programming the Variable Resistor......................................... 16
 
Programming the Potentiometer Divider ............................... 17
 
Layout and Power Supply Bypassing ....................................... 18
 
Terminal Voltage Operating Range ......................................... 18
 
Power-Up Sequence ................................................................... 18
 
RDAC Circuit Simulation Model............................................. 18
 
Macro Model Net List for RDAC ............................................. 18
 
Applications Information .............................................................. 19
 
Bipolar DC or AC Operation from Dual Supplies................. 19
 
Gain Control Compensation .................................................... 19
 
Programmable Voltage Reference ............................................ 19
 
8-Bit Bipolar DAC ...................................................................... 19
 
Bipolar Programmable Gain Amplifier................................... 20
 
Programmable Voltage Source with Boosted Output ........... 20
 
Programmable 4 mA-to-20 mA Current Source ................... 20
 
Programmable Bidirectional Current Source......................... 21
 
Programmable Low-Pass Filter ................................................ 21
 
Programmable Oscillator .......................................................... 21
 
Resistance Scaling ...................................................................... 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
8/10—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Deleted Figure 1; Renumbered Sequentially................................. 1
Changes to General Description Section ...................................... 1
Changes to Conditions of Channel Resistance Matching
(AD5262 only) Parameter, Voltage Divider Temperature
Coefficient Parameter, Full-Scale Error Parameter, and Zero-
Scale Error Parameter, Table 1 ........................................................ 3
Changes to Table 2 and Table 3....................................................... 5
Changes to Table 4............................................................................ 6
Changes to Table 5............................................................................ 7
Changes to Table 6............................................................................ 8
Changes to Figure 11 Caption and Figure 12 ................................9
Changes to Figure 31...................................................................... 12
Changes to Figure 35 Caption ...................................................... 13
Changes to Figure 43 and Figure 46............................................. 14
Deleted Potentiometer Family Selection Guide ......................... 18
Change to Programmable Voltage Source with Boosted Output
Section.............................................................................................. 20
Changes to Figure 64...................................................................... 21
Updated Outline Dimensions....................................................... 23
Changes to Ordering Guide .......................................................... 24
3/02—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com