Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5260/AD5262
Rev. A | Page 8 of 24
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD5262
TOP VIEW
(Not to Scale)
W1
B1
VDD
SDI
CLK
SHDN
A1
W2
B2
A2
SDO
VL
VSS
CS
PR
GND
Figure 8. AD5262 Pin Configuration
Table 6. AD5262 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO
Serial Data Output. Open-drain transistor requires a pull-up resistor.
2
A1
A Terminal RDAC 1.
3
W1
Wiper RDAC 1, Address A0 = 0.
4
B1
B Terminal RDAC 1.
5
VDD
Positive Power Supply. Specified for operation at both 5 V or 15 V. (Sum of |VDD| + |VSS| ≤ 15 V)
6
SHDN
Active Low Input. Terminal A, open-circuit. Shutdown controls variable Resistor 1 through Resistor R2.
7
CLK
Serial Clock Input, Positive Edge Triggered.
8
SDI
Serial Data Input.
9
CS
Chip Select Input, Active Low. When CS returns high, data in the serial input register is decoded, based on the
Address Bit A0, and loaded into the target RDAC register.
10
PR
Active Low Preset to Midscale. Sets RDAC registers to 0x80.
11
GND
Ground.
12
VSS
Negative Power Supply. Specified for operation at either 0 V or −5 V (sum of |VDD| + |VSS| < 15 V).
13
VL
Logic Supply Voltage. Needs to be same voltage as the digital logic controlling the AD5262.
14
B2
B Terminal RDAC 2.
15
W2
Wiper RDAC 2, Address A0 = 1.
16
A2
A Terminal RDAC 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com