Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5260/AD5262
Rev. A | Page 13 of 24
HOURS OF OPERATION AT 150°C
05
–0.20
0.10
–0.10
0
0.05
00
100
200
250
300
350
400
450
AVG – 3
σ
50
150
–0.05
–0.15
AVG + 3
σ
AVG
CODE = 0x80
VDD/VSS= ±5V
SAMPLE SIZE = 135 UNITS
5V/DIV
20µs/DIV
5V/DIV
Figure 36. Long-Term Resistance Drift
Figure 33. Large Signal Settling Time
CHANNEL-TO-CHANNEL RAB MATCH (%)
–0.50
0
40
30
CODE SET TO MIDSCALE
TA = 150°C
3 LOTS
SAMPLE SIZE = 135 UNITS
20
10
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
10mV/DIV
40ns/DIV
Figure 34. Digital Feedthrough vs. Time
Figure 37. Channel-to-Channel Resistance Matching (AD5262)
CODE (Decimal)
02
0.01
100
0.1
1
10
56
32
64
96
128
160
192
224
VA = VB = OPEN
TA = 25°C
RAB = 20kΩ
RAB = 50kΩ
RAB = 200kΩ
Figure 35. Theoretical Maximum Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com